Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM211ARSZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADM211ARSZ-REEL
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM211ARSZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADM211ARSZ-REEL Datasheet HTML 1Page - Analog Devices ADM211ARSZ-REEL Datasheet HTML 2Page - Analog Devices ADM211ARSZ-REEL Datasheet HTML 3Page - Analog Devices ADM211ARSZ-REEL Datasheet HTML 4Page - Analog Devices ADM211ARSZ-REEL Datasheet HTML 5Page - Analog Devices ADM211ARSZ-REEL Datasheet HTML 6Page - Analog Devices ADM211ARSZ-REEL Datasheet HTML 7Page - Analog Devices ADM211ARSZ-REEL Datasheet HTML 8Page - Analog Devices ADM211ARSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.1 µF, 5 V Powered CMOS
RS-232 Drivers/Receivers
ADM206–ADM211/ADM213
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
0.1 µF to 10 µF capacitors
120 kB/s data rate
Two receivers active in shutdown (ADM213)
On-board dc-to-dc converters
±9 V output swing with 5 V supply
Low power (15 mW)
Low power shutdown ≤ 5 µW
±30 V receiver input levels
Latch-up free
Plug-in upgrade for MAX205-211/213
APPLICATIONS
Computers
Peripherals
Modems
Printers
Instruments
GENERAL DESCRIPTION
The ADM2xx family of line drivers/receivers is intended for all
EIA-232-E and V.28 communications interfaces, especially in
applications where ±12 V is not available. The ADM206,
ADM211, and ADM213 feature a low power shutdown mode
that reduces power dissipation to less than 5 µW, making them
ideally suited for battery-powered equipment. The ADM213
has an active low shutdown and an active high receiver-enable
control. Two receivers of the ADM213 remain active during
shutdown. This feature is useful for ring indicator monitoring.
TYPICAL OPERATING CIRCUIT
0.1
µF
6.3V
+
+
0.1
µF
5V INPUT
+
0.1
µF
16V
0.1
µF
16V
+
0.1
µF
16V
+
T1
T2
T3
T4
R1
R2
R3
R4
R5
GND
ADM211
T1IN
T2IN
T3IN
T4IN
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
T1OUT
T2OUT
T3OUT
T4OUT
R1IN
R2IN
R3IN
R4IN
R5IN
SD
TTL/CMOS
INPUTS1
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
RS-232
INPUTS2
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
NOTES
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESIST OR ON EACH RS-232 INPUT.
C1+
C1–
C2+
C2–
VCC
V+
V–
EN
12
14
15
16
11
13
17
2
3
1
28
9
4
27
23
18
25
7
6
20
21
8
5
26
22
19
24
10
Figure 1.
All members of the ADM2xx family, except the ADM209,
include two internal charge pump voltage converters that allow
operation from a single 5 V supply. These parts convert the 5 V
input power to the ±10 V required for RS-232 output levels.
The ADM209 is designed to operate from 5 V and 12 V supplies.
An internal +12 V to –12 V charge pump voltage converter
generates the –12 V supply.
Table 1. Selection Table
Part
Number
Power Supply
Voltage
Number of RS-
232 Drivers
Number of
RS-232 Receivers
External
Capacitors
Low Power
Shutdown (SD)
TTL Three-
State EN
Number of Receivers
Active in Shutdown
ADM206
5 V
4
3
4
Yes
Yes
0
ADM207
5 V
5
3
4
No
No
0
ADM208
5 V
4
4
4
No
No
0
ADM209
5 V and 9 V to
13.2 V
3
5
2
No
Yes
0
ADM211
5 V
4
5
4
Yes
Yes
0
ADM213
5 V
4
5
4
Yes (SD)
Yes (EN)
2


Similar Part No. - ADM211ARSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM211ARSZ-REEL AD-ADM211ARSZ-REEL Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM211ARSZ-REEL AD-ADM211ARSZ-REEL Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results

Similar Description - ADM211ARSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com