Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM213AR Datasheet(PDF) 9 Page - Analog Devices

Part # ADM213AR
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM213AR Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM213AR Datasheet HTML 5Page - Analog Devices ADM213AR Datasheet HTML 6Page - Analog Devices ADM213AR Datasheet HTML 7Page - Analog Devices ADM213AR Datasheet HTML 8Page - Analog Devices ADM213AR Datasheet HTML 9Page - Analog Devices ADM213AR Datasheet HTML 10Page - Analog Devices ADM213AR Datasheet HTML 11Page - Analog Devices ADM213AR Datasheet HTML 12Page - Analog Devices ADM213AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
15
510
V+
15
V
20
0
10
5
0
5
10
15
Figure 14. Charge Pump V+, V– vs. Load Current
LOAD CAPACITANCE (pF)
0
0
500
5
NEGATIVE
SLEW
50
1000
10
15
20
25
30
35
40
45
POSITIVE
SLEW
1500
2000
2500
3000
Figure 15. Transmitter Slew Rate vs. Load Capacitance
VCC (V)
–9
4.0
4.5
5.0
5.5
6.0
–7
–5
–3
–1
1
3
5
7
9
Tx O/P HIGH LOADED
Tx O/P LOW LOADED
0
Figure 16. Transmitter Output Voltage vs. VCC
LOAD CURRENT (mA)
–15
02
Tx O/P HIGH
46
8
–10
–5
0
5
10
15
Tx O/P LOW
10
Figure 17. Transmitter Output Voltage vs. Load Current
VCC (V)
0
4.5
4.7
200
100
50
V+ IMP
V– IMP
150
250
300
350
4.9
5.1
5.3
5.5
Figure 18. Charge Pump Impedance vs. VCC
CH1
CH3
5.00V
5.00V BW
CH2 5.00V M50.0
µs CH1
3.1V
V+, V– EXITING SHUTDOWN (SD)
T
T
T
SD
V+
V–
2
1
3
Figure 19. Charge Pump, V+, V– Exiting Shutdown


Similar Part No. - ADM213AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213AR AD-ADM213AR Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM213AR AD-ADM213AR Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM213AR AD-ADM213AR Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM213ARS AD-ADM213ARS Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM213ARS AD-ADM213ARS Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
More results

Similar Description - ADM213AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com