Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR225HFZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADR225HFZ
Description  High Temperature, Low Drift, Micropower 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR225HFZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR225HFZ Datasheet HTML 4Page - Analog Devices ADR225HFZ Datasheet HTML 5Page - Analog Devices ADR225HFZ Datasheet HTML 6Page - Analog Devices ADR225HFZ Datasheet HTML 7Page - Analog Devices ADR225HFZ Datasheet HTML 8Page - Analog Devices ADR225HFZ Datasheet HTML 9Page - Analog Devices ADR225HFZ Datasheet HTML 10Page - Analog Devices ADR225HFZ Datasheet HTML 11Page - Analog Devices ADR225HFZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADR225
Rev. A | Page 9 of 12
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 18. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
0.260
0.255 SQ
0.250
1.00
TOP VIEW
BOTTOM VIEW
END VIEW
SIDE VIEW
0.012 R
TYP
0.175
0.026 MIN
0.195
0.190 SQ
0.185
0.155
0.150
0.145
0.053
0.050
0.047
0.006
0.005
0.004
0.091
0.083
0.075
0.019
0.017
0.015
1
4
8
5
IDEX
MARK
0.054
0.044
0.034
0.05 TYP
0.024
0.007
MIN
0.035
TYP
Figure 19. 8-Lead Ceramic Flat Package [FLATPACK]
(F-8-2)
Dimensions shown in inches
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADR225HRZN
−40°C to +175°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
ADR225HFZ
−40°C to +210°C
8-Lead Ceramic Flat Package [FLATPACK]
F-8-2
1 Z = RoHS Compliant Part.


Similar Part No. - ADR225HFZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR225 AD-ADR225 Datasheet
109Kb / 3P
   210?C Precision Micropower Voltage Reference
Rev. PrA
More results

Similar Description - ADR225HFZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
logo
Zetex Semiconductors
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com