Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF592BCPZ-2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-BF592BCPZ-2
Description  Blackfin Embedded Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF592BCPZ-2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-BF592BCPZ-2 Datasheet HTML 6Page - Analog Devices ADSP-BF592BCPZ-2 Datasheet HTML 7Page - Analog Devices ADSP-BF592BCPZ-2 Datasheet HTML 8Page - Analog Devices ADSP-BF592BCPZ-2 Datasheet HTML 9Page - Analog Devices ADSP-BF592BCPZ-2 Datasheet HTML 10Page - Analog Devices ADSP-BF592BCPZ-2 Datasheet HTML 11Page - Analog Devices ADSP-BF592BCPZ-2 Datasheet HTML 12Page - Analog Devices ADSP-BF592BCPZ-2 Datasheet HTML 13Page - Analog Devices ADSP-BF592BCPZ-2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Rev. B
|
Page 10 of 44
|
July 2013
ADSP-BF592
recommended. The two capacitors and the series resistor shown
in Figure 4 fine tune phase and amplitude of the sine frequency.
The capacitor and resistor values shown in Figure 4 are typical
values only. The capacitor values are dependent upon the crystal
manufacturers’ load capacitance recommendations and the PCB
physical layout. The resistor value depends on the drive level
specified by the crystal manufacturer. The user should verify the
customized values based on careful investigations on multiple
devices over temperature range.
A third-overtone crystal can be used for frequencies above
25 MHz. The circuit is then modified to ensure crystal operation
only at the third overtone, by adding a tuned inductor circuit as
shown in Figure 4. A design procedure for third-overtone oper-
ation is discussed in detail in (EE-168) Using Third Overtone
Crystals with the ADSP-218x DSP on the Analog Devices web-
site (www.analog.com)—use site search on “EE-168.”
The Blackfin core runs at a different clock rate than the on-chip
peripherals. As shown in Figure 5, the core clock (CCLK) and
system peripheral clock (SCLK) are derived from the input
clock (CLKIN) signal. An on-chip PLL is capable of multiplying
the CLKIN signal by a programmable 5× to 64× multiplication
factor (bounded by specified minimum and maximum VCO
frequencies). The default multiplier is 6×, but it can be modified
by a software instruction sequence.
On-the-fly frequency changes can be effected by simply writing
to the PLL_DIV register. The maximum allowed CCLK and
SCLK rates depend on the applied voltages VDDINT and VDDEXT;
the VCO is always permitted to run up to the frequency speci-
fied by the part’s instruction rate. The EXTCLK pin can be
configured to output either the SCLK frequency or the input
buffered CLKIN frequency, called CLKBUF. When configured
to output SCLK (CLKOUT), the EXTCLK pin acts as a refer-
ence signal in many timing specifications. While three-stated by
default, it can be enabled using the VRCTL register.
All on-chip peripherals are clocked by the system clock (SCLK).
The system clock frequency is programmable by means of the
SSEL3–0 bits of the PLL_DIV register. The values programmed
into the SSEL fields define a divide ratio between the PLL output
(VCO) and the system clock. SCLK divider values are 1 through
15. Table 4 illustrates typical system clock ratios.
Note that the divisor ratio must be chosen to limit the system
clock frequency to its maximum of fSCLK. The SSEL value can be
changed dynamically without any PLL lock latencies by writing
the appropriate values to the PLL divisor register (PLL_DIV).
The core clock (CCLK) frequency can also be dynamically
changed by means of the CSEL1–0 bits of the PLL_DIV register.
Supported CCLK divider ratios are 1, 2, 4, and 8, as shown in
Table 5. This programmable core clock capability is useful for
fast core frequency modifications.
The maximum CCLK frequency both depends on the part’s
instruction rate (see Ordering Guide) and depends on the
applied VDDINT voltage. See Table 8 for details. The maximal sys-
tem clock rate (SCLK) depends on the chip package and the
applied VDDINT and VDDEXT voltages (see Table 10).
Figure 4. External Crystal Connections
CLKIN
CLKOUT (SCLK)
XTAL
SELECT
CLKBUF
TO PLL CIRCUITRY
FOR OVERTONE
OPERATION ONLY:
NOTE: VALUES MARKED WITH * MUST BE CUSTOMIZED, DEPENDING
ON THE CRYSTAL AND LAYOUT. PLEASE ANALYZE CAREFULLY. FOR
FREQUENCIES ABOVE 33 MHz, THE SUGGESTED CAPACITOR VALUE
OF 18 pF SHOULD BE TREATED AS A MAXIMUM, AND THE SUGGESTED
RESISTOR VALUE SHOULD BE REDUCED TO 0
.
18 pF *
EN
18 pF *
330
*
BLACKFIN
560
EXTCLK
EN
Figure 5. Frequency Modification Methods
Table 4. Example System Clock Ratios
Signal Name
SSEL3–0
Divider Ratio
VCO/SCLK
Example Frequency Ratios
(MHz)
VCO
SCLK
0010
2:1
100
50
0110
6:1
300
50
1010
10:1
400
40
Table 5. Core Clock Ratios
Signal Name
CSEL1–0
Divider Ratio
VCO/CCLK
Example Frequency Ratios
(MHz)
VCO
CCLK
00
1:1
300
300
01
2:1
300
150
10
4:1
400
100
11
8:1
200
25
PLL
5 to 64
÷ 1 to 15
÷ 1, 2, 4, 8
VCO
CLKIN
“FINE” ADJUSTMENT
REQUIRES PLL SEQUENCING
“COARSE” ADJUSTMENT
ON-THE-FLY
CCLK
SCLK
SCLK
CCLK


Similar Part No. - ADSP-BF592BCPZ-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF592 AD-ADSP-BF592 Datasheet
1Mb / 46P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF592KCPZ-X AD-ADSP-BF592KCPZ-X Datasheet
1Mb / 46P
   Blackfin Embedded Processor
Rev. PrC
More results

Similar Description - ADSP-BF592BCPZ-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com