Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7317ARQ-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7317ARQ-REEL
Description  Accurate Digital Temperature Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7317ARQ-REEL Datasheet(HTML) 3 Page - Analog Devices

  ADT7317ARQ-REEL Datasheet HTML 1Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 2Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 3Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 4Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 5Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 6Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 7Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 8Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADT7316/ADT7317/ADT7318
Rev. B | Page 3 of 44
SPECIFICATIONS
Temperature ranges for A version: –40°C to +120°C. VDD = 2.7 V to 5.5 V, GND = 0 V, REFIN = 2.25 V, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
DAC DC PERFORMANCE2, 3
ADT7318
Resolution
8
Bits
Relative Accuracy
±0.15
±1
LSB
Differential Nonlinearity
±0.02
±0.25
LSB
Guaranteed monotonic over all codes.
ADT7317
Resolution
10
Bits
Relative Accuracy
±0.5
±4
LSB
Differential Nonlinearity
±0.05
±0.5
LSB
Guaranteed monotonic over all codes.
ADT7316
Resolution
12
Bits
Relative Accuracy
±2
±16
LSB
Differential Nonlinearity
±0.02
±0.9
LSB
Guaranteed monotonic over all codes.
Offset Error
±0.4
±2
% of FSR
Gain Error
±0.4
±2
% of FSR
Lower Dead Band
20
65
mV
Lower dead band exists only if offset error is
negative. See
Figure 2.
Upper Dead Band
60
100
mV
Upper dead band exists if VREF = VDD and offset
plus gain error is positive. See
Figure 3.
Offset Error Drift
−12
ppm of FSR/°C
Gain Error Drift
−5
ppm of FSR/°C
DC Power Supply Rejection Ratio
−60
dB
∆VDD = ±10%.
DC Crosstalk
200
μV
See
Figure 6.
THERMAL CHARACTERISTICS
INTERNAL TEMPERATURE SENSOR
Internal reference used. Averaging on.
Accuracy at VDD = 3.3 V ±10%
±1.5
°C
TA = 85°C.
±0.5
±3
°C
TA = 0°C to +85°C.
±2
±5
°C
TA =
−40°C to +120°C.
Accuracy at VDD = 5 V ±5%
±2
±3
°C
TA = 0°C to +85°C.
±3
±5
°C
TA =
−40°C to +120°C.
Resolution
10
Bits
Equivalent to 0.25°C.
Long-Term Drift
0.25
°C
Drift over 10 years if part is operated at 55°C.
EXTERNAL TEMPERATURE SENSOR
External transistor = 2N3906.
Accuracy at VDD = 3.3 V ±10%
±1.5
°C
TA = +85°C.
±3
°C
TA = 0°C to +85°C.
±5
°C
TA =
−40°C to +120°C.
Accuracy at VDD = 5 V ±5%
±2
±3
°C
TA = 0°C to +85°C.
±3
±5
°C
TA =
−40°C to +120°C.
Resolution
10
Bits
Equivalent to +0.25°C.
Output Source Current
180
μA
High level.
11
μA
Low level.
Thermal Voltage Output
8-Bit DAC Output
Resolution
1
°C
Scale Factor
8.79
mV/°C
0 V to VREF output. TA =
−40°C to +120°C.
17.58
mV/°C
0 V to 2 VREF output. TA =
−40°C to +120°C.
10-Bit DAC Output
Resolution
0.25
°C
Scale Factor
2.2
mV/°C
0 V to VREF output. TA =
−40°C to +120°C.
4.39
mV/°C
0 V to 2 VREF output. TA=
−40°C to +120°C.


Similar Part No. - ADT7317ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7317ARQ AD-ADT7317ARQ Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
More results

Similar Description - ADT7317ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
   -0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
logo
Analog Devices
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com