Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7317ARQ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7317ARQ-REEL
Description  Accurate Digital Temperature Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7317ARQ-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADT7317ARQ-REEL Datasheet HTML 1Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 2Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 3Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 4Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 5Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 6Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 7Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 8Page - Analog Devices ADT7317ARQ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
±0.5°C Accurate Digital Temperature Sensor
and Quad Voltage Output 12-/10-/8-Bit DACs
ADT7316/ADT7317/ADT7318
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2007 Analog Devices, Inc. All rights reserved.
FEATURES
ADT7316—four 12-bit DACs
ADT7317—four 10-bit DACs
ADT7318—four 8-bit DACs
Buffered voltage output
Guaranteed monotonic by design over all codes
10-bit temperature-to-digital converter
Temperature range: −40°C to +120°C
Temperature sensor accuracy of ±0.5°C
Supply range: 2.7 V to 5.5 V
DAC output range: 0 V to 2 VREF
Power-down current : <10 μA
Internal 2.28 VREF option
Double-buffered input logic
Buffered/unbuffered reference input option
Power-on reset to 0 V
Simultaneous update of outputs (LDAC function)
On-chip rail-to-rail output buffer amplifier
I2C®-, SMBus-, SPI®-, QSPI™-, MICROWIRE™-, and DSP-
compatible 4-wire serial interface
SMBus packet error checking (PEC) compatible
16-lead QSOP
APPLICATIONS
Portable battery-powered instruments
Personal computers
Telecommunications systems
Electronic test equipment
Domestic appliances
Process control
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VOUT-A
VREF-AB
CS
D+
VDD
GND
VOUT-B
VOUT-D
VREF-CD
SCL/SCLK
INT/INT
D–
LDAC
DOUT/ADD
SDA/DIN
VOUT-C
TOP VIEW
(Not to Scale)
ADT7316/
ADT7317/
ADT7318
Figure 1.
GENERAL DESCRIPTION
The ADT7316/ADT7317/ADT73181combine a 10-bit
temperature-to-digital converter and a quad 12-/10-/8-bit
DAC, respectively, in a 16-lead QSOP. This includes a band
gap temperature sensor and a 10-bit ADC to monitor and
digitize the temperature reading to a resolution of 0.25°C. The
ADT7316/ ADT7317/ADT7318 operate from a single 2.7 V to
5.5 V supply. The output voltage of the DAC ranges from 0 V
to 2 VREF, with an output voltage settling time of 7 μs typically.
The ADT7316/ ADT7317/ADT7318 provide two serial inter-
face options, a 4-wire serial interface that is compatible with
SPI, QSPI, MICROWIRE, and DSP interface standards, and a
2-wire SMBus/I2C interface. They feature a standby mode that
is controlled via the serial interface.
The reference for the four DACs is derived either internally
or from two reference pins (one per DAC pair). The outputs
of all DACs may be updated simultaneously using the software
LDAC function or external LDAC pin. The ADT7316/ADT7317/
ADT7318 incorporate a power-on-reset circuit that ensures the
DAC output powers up to 0 V and remains there until a valid
write takes place.
The ADT7316/ADT7317/ADT7318 wide supply voltage range,
low supply current, and SPI-/I2C-compatible interface make
them ideal for a variety of applications, including personal
computers, office equipment, and domestic appliances.
1 Protected by the following U.S. patent numbers: 5,764,174; 5,867,012;
6,097,239; 6,169,442.


Similar Part No. - ADT7317ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7317ARQ AD-ADT7317ARQ Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
More results

Similar Description - ADT7317ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
   -0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
logo
Analog Devices
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com