Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM1251ARZ-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADuM1251ARZ-RL7
Description  Hot Swappable, Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1251ARZ-RL7 Datasheet(HTML) 4 Page - Analog Devices

  ADuM1251ARZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM1251ARZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM1251ARZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM1251ARZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM1251ARZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM1251ARZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM1251ARZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM1251ARZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM1251ARZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADuM1250/ADuM1251
Data Sheet
Rev. F | Page 4 of 12
AC Specifications1
All minimum/maximum specifications apply over the entire recommended operating range, unless otherwise noted. All typical specifications
are at TA = 25°C, VDD1 = 3.3 V or 5 V, and VDD2 = 3.3 V or 5 V, unless otherwise noted. Refer to Figure 5.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM FREQUENCY
1000
kHz
OUTPUT FALL TIME
5 V Operation
4.5 V ≤ V
DD1, VDD2 ≤ 5.5 V, CL1 = 40 pF,
R1 = 1.6 kΩ, C
L2 = 400 pF, R2 = 180 Ω
Side 1 Output (0.9 V
DD1 to 0.9 V)
t
f1
13
26
120
ns
Side 2 Output (0.9 V
DD2 to 0.1 VDD2)
t
f2
32
52
120
ns
3 V Operation
3.0 V ≤ V
DD1, VDD2 ≤ 3.6 V, CL1 = 40 pF,
R1 = 1.0 kΩ, C
L2 = 400 pF, R2 = 120 Ω
Side 1 Output (0.9 V
DD1 to 0.9 V)
t
f1
13
32
120
ns
Side 2 Output (0.9 V
DD2 to 0.1 VDD2)
t
f2
32
61
120
ns
PROPAGATION DELAY
5 V Operation
4.5 ≤ V
DD1, VDD2 ≤ 5.5 V, CL1 = CL2 = 0 pF,
R1 = 1.6 kΩ, R2 = 180 Ω
Side 1-to-Side 2, Rising Edge2
t
PLH12
95
130
ns
Side 1-to-Side 2, Falling Edge3
t
PHL12
162
275
ns
Side 2-to-Side 1, Rising Edge4
t
PLH21
31
70
ns
Side 2-to-Side 1, Falling Edge5
t
PHL21
85
155
ns
3 V Operation
3.0 V ≤ V
DD1, VDD2 ≤ 3.6 V, CL1 = CL2 = 0 pF,
R1 = 1.0 kΩ, R2 = 120 Ω
Side 1-to-Side 2, Rising Edge2
t
PLH12
82
125
ns
Side 1-to-Side 2, Falling Edge3
t
PHL12
196
340
ns
Side 2-to-Side 1, Rising Edge4
t
PLH21
32
75
ns
Side 2-to-Side 1, Falling Edge5
t
PHL21
110
210
ns
PULSE WIDTH DISTORTION
5 V Operation
4.5 V ≤ V
DD1, VDD2 ≤ 5.5 V, CL1 = CL2 = 0 pF,
R1 = 1.6 kΩ, R2 = 180 Ω
Side 1-to-Side 2, |t
PLH12 − tPHL12|
PWD
12
67
145
ns
Side 2-to-Side 1, |t
PLH21 − tPHL21|
PWD
21
54
85
ns
3 V Operation
3.0 V ≤ V
DD1, VDD2 ≤ 3.6 V, CL1 = CL2 = 0 pF,
R1 = 1.0 kΩ, R2 = 120 Ω
Side 1-to-Side 2, |t
PLH12 − tPHL12|
PWD
12
114
215
ns
Side 2-to-Side 1, |t
PLH21 − tPHL21|
PWD
21
77
135
ns
COMMON-MODE TRANSIENT IMMUNITY6
|CM
H|, |CML|
25
35
kV/µs
1 All voltages are relative to their respective ground.
2 t
PLH12 propagation delay is measured from the Side 1 input logic threshold to an output value of 0.7 VDD2.
3 t
PHL12 propagation delay is measured from the Side 1 input logic threshold to an output value of 0.4 V.
4 t
PLH21 propagation delay is measured from the Side 2 input logic threshold to an output value of 0.7 VDD1.
5 t
PHL21 propagation delay is measured from the Side 2 input logic threshold to an output value of 0.9 V.
6 CM
H is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient
magnitude is the range over which the common mode is slewed.


Similar Part No. - ADuM1251ARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1251ARZ-RL7 AD-ADUM1251ARZ-RL7 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1251ARZ-RL7 AD-ADUM1251ARZ-RL7 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
More results

Similar Description - ADuM1251ARZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com