Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7127KR50 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7127KR50
Description  CMOS, 240 MHz 10-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7127KR50 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7127KR50 Datasheet HTML 4Page - Analog Devices ADV7127KR50 Datasheet HTML 5Page - Analog Devices ADV7127KR50 Datasheet HTML 6Page - Analog Devices ADV7127KR50 Datasheet HTML 7Page - Analog Devices ADV7127KR50 Datasheet HTML 8Page - Analog Devices ADV7127KR50 Datasheet HTML 9Page - Analog Devices ADV7127KR50 Datasheet HTML 10Page - Analog Devices ADV7127KR50 Datasheet HTML 11Page - Analog Devices ADV7127KR50 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADV7127
–8–
REV. 0
ORDERING GUIDE
1
Speed Options
Package
50 MHz
140 MHz
240 MHz
R-282
ADV7127KR50
ADV7127KR140
ADV7127JR240
RU-243
ADV7127KRU50
ADV7127KRU140
ADV7127JRU240
NOTES
150 MHz and 140 MHz devices are specified for –40
°C to +85°C operation; 240 MHz devices are specified for 0°C to +70°C.
2SOIC Package.
3TSSOP Package.
ABSOLUTE MAXIMUM RATINGS
1
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Voltage on any Digital Pin . . . . . GND – 0.5 V to VAA + 0.5 V
Ambient Operating Temperature (TA) . . . . . –40
°C to +85°C
Storage Temperature (TS) . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Vapor Phase Soldering (1 Minute) . . . . . . . . . . . . . . . . 220
°C
IOUT to GND
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to VAA
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Analog Output Short Circuit to any Power Supply or Common can be of an
indefinite duration.
PIN CONFIGURATIONS
24-Lead TSSOP
28-Lead SOIC
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADV7127
NC = NO CONNECT
NC
PDOWN
D8
D7
D6
VAA
D1
D2
D5
D4
D3
NC
CLOCK
GND
GND
VAA
D0
PSAVE
RSET
VREF
IOUT
COMP
D9
IOUT
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADV7127
VAA
VAA
VAA
D9
D8
VAA
D2
D3
D4
D7
D6
D5
VAA
VAA
CLOCK
GND
GND
VAA
IOUT
VAA
PSAVE
VAA
RSET
VAA
COMP
VREF
D1
D0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADV7127 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADV7127KR50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7127KR50 AD-ADV7127KR50 Datasheet
307Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results

Similar Description - ADV7127KR50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127 Datasheet
307Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com