Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL345TCCZ-EP Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL345TCCZ-EP
Description  Digital Accelerometer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL345TCCZ-EP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL345TCCZ-EP Datasheet HTML 7Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 8Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 9Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 10Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 11Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 12Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 13Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 14Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADXL345
Rev. D | Page 11 of 40
0
20
40
60
80
100
120
TEMPERATURE (°C)
230
235
240
245
250
255
260
265
270
275
280
–40
–20
Figure 22. X-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 2.5 V, Full Resolution
230
235
240
245
250
255
260
265
270
275
280
TEMPERATURE (°C)
0
20
40
60
80
100
120
–40
–20
Figure 23. Y-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 2.5 V, Full Resolution
230
235
240
245
250
255
260
265
270
275
280
TEMPERATURE (°C)
0
20
40
60
80
100
120
–40
–20
Figure 24. Z-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 2.5 V, Full Resolution
TEMPERATURE (°C)
230
235
240
245
250
255
260
265
270
275
280
0
20
40
60
80
100
120
–40
–20
Figure 25. X-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3.3 V, Full Resolution
0
20
40
60
80
100
120
TEMPERATURE (°C)
230
235
240
245
250
255
260
265
270
275
280
–40
–20
Figure 26. Y-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3.3 V, Full Resolution
0
20
40
60
80
100
120
TEMPERATURE (°C)
230
235
240
245
250
255
260
265
270
275
280
–40
–20
Figure 27. Z-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3.3 V, Full Resolution


Similar Part No. - ADXL345TCCZ-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
357Kb / 12P
   ADXL345-EP
ADXL345TCCZ-EP-RL AD-ADXL345TCCZ-EP-RL Datasheet
357Kb / 12P
   ADXL345-EP
ADXL345TCCZ-EP-RL7 AD-ADXL345TCCZ-EP-RL7 Datasheet
357Kb / 12P
   ADXL345-EP
More results

Similar Description - ADXL345TCCZ-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com