Electronic Components Datasheet Search |
|
ADUM1402WTRWZ Datasheet(PDF) 7 Page - Analog Devices |
|
ADUM1402WTRWZ Datasheet(HTML) 7 Page - Analog Devices |
7 / 32 page Data Sheet ADuM1400/ADuM1401/ADuM1402 Rev. H | Page 7 of 32 Parameter Symbol Min Typ Max Unit Test Conditions ADuM140xBRW Minimum Pulse Width3 PW 100 ns CL = 15 pF, CMOS signal levels Maximum Data Rate4 10 Mbps CL = 15 pF, CMOS signal levels Propagation Delay5 tPHL, tPLH 20 38 50 ns CL = 15 pF, CMOS signal levels Pulse Width Distortion, |tPLH − tPHL|5 PWD 3 ns CL = 15 pF, CMOS signal levels Change vs. Temperature 5 ps/°C CL = 15 pF, CMOS signal levels Propagation Delay Skew6 tPSK 22 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Codirectional Channels7 tPSKCD 3 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Opposing- Directional Channels7 tPSKOD 6 ns CL = 15 pF, CMOS signal levels ADuM140xCRW Minimum Pulse Width3 PW 8.3 11.1 ns CL = 15 pF, CMOS signal levels Maximum Data Rate4 90 120 Mbps CL = 15 pF, CMOS signal levels Propagation Delay5 tPHL, tPLH 20 34 45 ns CL = 15 pF, CMOS signal levels Pulse Width Distortion, |tPLH − tPHL|5 PWD 0.5 2 ns CL = 15 pF, CMOS signal levels Change vs. Temperature 3 ps/°C CL = 15 pF, CMOS signal levels Propagation Delay Skew6 tPSK 16 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Codirectional Channels7 tPSKCD 2 ns CL = 15 pF, CMOS signal levels Channel-to-Channel Matching, Opposing- Directional Channels7 tPSKOD 5 ns CL = 15 pF, CMOS signal levels For All Models Output Disable Propagation Delay (High/Low to High Impedance) tPHZ, tPLH 6 8 ns CL = 15 pF, CMOS signal levels Output Enable Propagation Delay (High Impedance to High/Low) tPZH, tPZL 6 8 ns CL = 15 pF, CMOS signal levels Output Rise/Fall Time (10% to 90%) tR/tF 3 ns CL = 15 pF, CMOS signal levels Common-Mode Transient Immunity at Logic High Output8 |CMH| 25 35 kV/μs VIx = VDD1 or VDD2, VCM = 1000 V, transient magnitude = 800 V Common-Mode Transient Immunity at Logic Low Output8 |CML| 25 35 kV/μs VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V Refresh Rate fr 1.1 Mbps Input Dynamic Supply Current per Channel9 IDDI (D) 0.10 mA/ Mbps Output Dynamic Supply Current per Channel9 IDDO (D) 0.03 mA/ Mbps 1 All voltages are relative to their respective ground. 2 The supply current values for all four channels are combined when running at identical data rates. Output supply current values are specified with no output load present. The supply current associated with an individual channel operating at a given data rate may be calculated as described in the section. See F through F for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See F through for total VDD1 and VDD2 supply currents as a function of data rate for ADuM1400/ADuM1401/ADuM1402 channel configurations. Power Consumption Power Consumption igure 8 Figure 8 igure 10 Figure 10 igure 11 Figure 15 3 The minimum pulse width is the shortest pulse width at which the specified pulse width distortion is guaranteed. 4 The maximum data rate is the fastest data rate at which the specified pulse width distortion is guaranteed. 5 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal. 6 tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the recommended operating conditions. 7 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier. 8 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range over which the common mode is slewed. 9 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in signal data rate. See through for information on per-channel supply current for unloaded and loaded conditions. See the section for guidance on calculating the per-channel supply current for a given data rate. |
Similar Part No. - ADUM1402WTRWZ |
|
Similar Description - ADUM1402WTRWZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |