Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCTB243 Datasheet(PDF) 2 Page - Dubilier

Part # DBCTB243
Description  TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB243 Datasheet(HTML) 2 Page - Dubilier

  DBCTB243 Datasheet HTML 1Page - Dubilier DBCTB243 Datasheet HTML 2Page - Dubilier DBCTB243 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
384
TERMINAL BLOCKS
7.5MM PITCH 18 POLE RISING CLAMP
7.5mm Pitch
Rising Clamp Terminal
2 - 12 pole interlocking
2.5mm2 wire acceptance
UL/CE/VDE approved
Colour green
SPECIFICATION
Electrical Characteristics
Rating Current:
20A/750V
Dielectric Voltage:
≥ 3kV/60sec
Insulation Resistance:
≥ 5MΩ
Operating Temperature: -20°C to +125°C
Short Period:
160°C
Moulding:
UL94-V0 flame retardant PA66
Pin/terminal:
5µ tinned, nickel plated brass
Wire clamp:
Nickel plated brass
Screw/torque:
M3 steel, 6µ zinc colour passivated and
tropicalised/0.5Nm
Recommended
PCB hole size:
ø1.3mm
OUTLINE DRAWING
22.5
3.75
7.5
7.5
4.6
0.9
15
7.5
3.75
0.9
2.7
DBC
Dubilier
Connectors
TB
Series
Terminal Blocks
33
Style
/2
No of Ways
2 = 2ways
3 = 3ways
* other number of ways are available
Please consult the office for
further details
7.5mm pitch
Flame retardant material
2.5mm2 wire acceptance
Interlocking
Professional rising clamp
UL/ CSA approved
TERMINAL BLOCKS
7.5mm PITCH 90° MOUNT
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Rating:
20A/750V
Dielectric Strength:
≥3KV/60sec
Insulation Resistance:
≥5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant PA66
Pin/terminal:
5µ tinned, nickel plated brass
Wire clamp:
Nickel plated brass
Screw/torque:
M3 steel, 6 µ zinc colour passivated and
tropicalised/0.5Nm
Recommended PCB hole
size:
ø1.3mm
DBC
TB
88
/2
Dubilier
Connectors
Series
Terminal Block
Style
Nº of Ways
2 = 2 ways
3 = 3 ways
* Other Number of ways are available up to 12
Please consult office for further details
3.5
RO
DUC
NEW
ORDERING INFORMATION
www.dubilier.co.uk


Similar Part No. - DBCTB243

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB24-2 DUBILIER-DBCTB24-2 Datasheet
125Kb / 1P
   TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
DBCTB24-3 DUBILIER-DBCTB24-3 Datasheet
125Kb / 1P
   TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
More results

Similar Description - DBCTB243

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB24-2 DUBILIER-DBCTB24-2 Datasheet
125Kb / 1P
   TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
DBCTB81-2 DUBILIER-DBCTB81-2 Datasheet
96Kb / 1P
   TERMINAL BLOCKS 3.5mm PITCH 90 MOUNT
DBCTB85-2 DUBILIER-DBCTB85-2 Datasheet
88Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH 90 MOUNT
DBCTB49-2 DUBILIER-DBCTB49-2 Datasheet
130Kb / 1P
   TERMINAL BLOCKS 7.5mm PITCH PLUG IN
logo
CamdenBoss Ltd.
CTBP0115 CAMDENBOSS-CTBP0115 Datasheet
398Kb / 1P
   7.5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP9400 CAMDENBOSS-CTBP9400 Datasheet
761Kb / 2P
   7.5mm pitch pluggable rising clamp terminal blocks
CTBP9500 CAMDENBOSS-CTBP9500 Datasheet
761Kb / 2P
   7.5mm pitch pluggable rising clamp terminal blocks
CTBP9550 CAMDENBOSS-CTBP9550 Datasheet
761Kb / 2P
   7.5mm pitch pluggable rising clamp terminal blocks
logo
Dubilier
DBCTB4-2 DUBILIER-DBCTB4-2 Datasheet
107Kb / 1P
   TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
logo
CamdenBoss Ltd.
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
   7.5mm pitch standard profile rising clamp terminal blocks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com