Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCTB543 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB543
Description  TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB543 Datasheet(HTML) 1 Page - Dubilier

  DBCTB543 Datasheet HTML 1Page - Dubilier DBCTB543 Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
389
3.5mm and 3.81mm pitch
Interlocking
45 degree cable entry
1.5mm2 wire acceptance
UL approved
TERMINAL BLOCKS
3.5mm + 3.81mm PITCH - SCREWLESS
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
DBC
TB
70
/2
Dubilier
Connectors
Series
Terminal Block
Style
70 = 3.5mm
77 = 3.81mm
Nº of Ways
2 = 2 ways
3 = 3 ways
* Other Number of ways are available up to 12
Please consult office for further details
5
12
0.4
2.3
3.25
P
0.8
1.5
L
1˚ Pin side
P
Rating:
4A/450V (300V UL) 7
Dielectric Strength:
≥2.5KV/60sec
Insulation Resistance:
≥5MΩ
Working temperature:
-20°C to +110°C
Moulding:
Grey UL94V-0 flame retardant PA68
Pin/terminal:
5µ tinned, nickel plated brass
Recommended PCB hole
size:
ø1mm
RO
DUC
NEW
TERMINAL BLOCKS
5.08mm PITCH - SCREWLESS
5.08mm pitch
2-7 pole solid block
Flame retardant material
0.3 to 1.5mm2 wire acceptance
UL approved
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
DBC
TB
41
/2
Dubilier
Connectors
Series
Terminal Block
Style
Nº of Ways
2 = 2 ways
3 = 3 ways
Rating:
12A/250V
Dielectric Strength:
≥4KV/60sec
Insulation Resistance:
≥5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°C
Moulding:
UL94V-0 flame retardant PA66
Pin/terminal:
5µ tinned, phosphor bronze
Spring:
Zinc plated steel
Recommended PCB hole
size:
ø1.1mm
16.2
3.4
0.5
10.16
Ø 1.9
3
1
1.05
5.08
5.08
4.03
L
RO
DUC
NEW
www.dubilier.co.uk


Similar Part No. - DBCTB543

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB54-2 DUBILIER-DBCTB54-2 Datasheet
99Kb / 1P
   TERMINAL BLOCKS 5, 5.08, 7.5, 7.62, 10 AND 10.16mm SCREWLESS
DBCTB54-3 DUBILIER-DBCTB54-3 Datasheet
99Kb / 1P
   TERMINAL BLOCKS 5, 5.08, 7.5, 7.62, 10 AND 10.16mm SCREWLESS
More results

Similar Description - DBCTB543

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
logo
CamdenBoss Ltd.
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
   3.81mm screwless terminal blocks
CSTBP92HD CAMDENBOSS-CSTBP92HD Datasheet
304Kb / 1P
   3.5mm pitch pluggable screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
   3.5mm 45° screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
   3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
   5mm screwless terminal blocks
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
   2.54mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
   7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
   7.62mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
   2.54mm screwless terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com