Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCTDM1SR093A Datasheet(PDF) 1 Page - Dubilier

Part # DBCTDM1SR093A
Description  D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTDM1SR093A Datasheet(HTML) 1 Page - Dubilier

  DBCTDM1SR093A Datasheet HTML 1Page - Dubilier DBCTDM1SR093A Datasheet HTML 2Page - Dubilier DBCTDM1SR093A Datasheet HTML 3Page - Dubilier DBCTDM1SR093A Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
265
D TYPE CONNECTORS - TURNED PIN
SOLDER BUCKET
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
9, 15, 25, 37 or 50 way
Turned Pin (Machined) Contact
Gold Plated Contacts
Yellow Zinc Metal or Tin Housings available
Current Rating - 5 Amps
Mechanical:
Termination:
Hand Solder
Dip Solder straight
Dip Solder 90°C
Wire Wrap 0.6 x 0.6mm
Polarisation:
by trapezoidal shell
Coupling:
by friction, locking by special accessories
Withdrawal force:
ca. 0.5 N per contact
Material and Finishes:
Shell steel with yellow passivation over
zinc plate (standard),
steel nickel plated and tinned
Insulators:
Two part mouldings, polyester,
glass fibre re-enforced,
flame retarded according UL 94 V0
Contacts:
gold plated over nickel
Insertion Cycles:
500
Electrical:
Creeping Current Stability: KB 220 according to DIN 53480
Working Current:
5A per contact with 20AWG cable
Working Voltages:
300V rms
Test Voltage:
1000V rms
Contact Resistance:
below 5 x 10 -3
Insulation Resistance:
over 10M
Temperature Range:
- 55°C to 125°C
SOCKET
G
10ϒ
B
F
3.2ø
2.5
E
10ϒ
B
D
3.2ø
2.5
PLUG
SHELL DIMENSIONS
A
C
B
"
"
4
6
1
1.51Ø
1.16Ø
7
SOLDER BUCKET
G
3.2ø
E
10ϒ
B
D
3.2ø
2.5
PLUG
SHELL DIMENSIONS
C
"
"
4
6
1
1.51Ø
1.16Ø
7
SOLDER BUCKET
DBC
Dubilier
Connectors
TD
Series
TD = Turn Pin D
M1
Connector Type
M1 = Male(plug) zinc
F1 = Female(socket) zinc
M2 = Male (plug) Tin
F2 = Female (Socket) Tin
SB
Contact Style
SB = Solder Bucket
Nº of Ways
09 = 9ways
15 = 15ways
25 = 25ways
37 = 37ways
50 = 50ways
09
3
A
B
C
D
E
F
G
9 WAY
30.8
25.0
12.4
22.2
13.0
20.5
11.4
15 WAY
39.2
33.3
12.4
30.5
13.0
28.8
11.4
25 WAY
53.1
47.0
12.4
44.3
13.0
42.5
11.4
37 WAY
69.5
63.5
12.4
60.7
13.0
59.1
11.4
50 WAY
67
61.1
15.4
58.3
13.0
56.3
14.1
Dimension - mm
PANEL CUT OUT
www.dubilier.co.uk


Similar Part No. - DBCTDM1SR093A

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTDM1SR093A DUBILIER-DBCTDM1SR093A Datasheet
116Kb / 1P
   D TYPE CONNECTORS - TURNED PIN PCB - RIGHT ANGLE PIN
More results

Similar Description - DBCTDM1SR093A

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3 Datasheet
121Kb / 1P
   FILTERED D CONNECTORS SOLDER BUCKET
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3_11 Datasheet
447Kb / 3P
   FILTERED D CONNECTORS SOLDER BUCKET
DBCTDM1SS093 DUBILIER-DBCTDM1SS093 Datasheet
115Kb / 1P
   D TYPE CONNECTORS - TURNED PIN PCB STRAIGHT PIN
DBCTDM1WW093 DUBILIER-DBCTDM1WW093 Datasheet
114Kb / 1P
   D TYPE CONNECTORS - TURNED PIN WIRE WRAP
DBCHDFSB26S DUBILIER-DBCHDFSB26S_11 Datasheet
617Kb / 4P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
DBCHDFSB26S DUBILIER-DBCHDFSB26S Datasheet
148Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
DBCTDM1SR093A DUBILIER-DBCTDM1SR093A Datasheet
116Kb / 1P
   D TYPE CONNECTORS - TURNED PIN PCB - RIGHT ANGLE PIN
logo
FCI connector
DB25P064HTXLF FCI-CONNECTOR-DB25P064HTXLF Datasheet
115Kb / 1P
   D-SUB SOLDER BUCKET CONNECTOR
DE09P064TXLF FCI-CONNECTOR-DE09P064TXLF Datasheet
288Kb / 1P
   D-SUB SOLDER BUCKET CONNECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com