Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBTA42L
Description  High Voltage Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA42L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBTA42L Datasheet HTML 1Page - ON Semiconductor MMBTA42L Datasheet HTML 2Page - ON Semiconductor MMBTA42L Datasheet HTML 3Page - ON Semiconductor MMBTA42L Datasheet HTML 4Page - ON Semiconductor MMBTA42L Datasheet HTML 5Page - ON Semiconductor MMBTA42L Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBTA42L, SMMBTA42L, MMBTA43L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 1.0 mAdc, IB = 0)
MMBTA42, SMMBTA42
MMBTA43
V(BR)CEO
300
200
Vdc
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MMBTA42, SMMBTA42
MMBTA43
V(BR)CBO
300
200
Vdc
Emitter−Base Breakdown Voltage
(IE = 100 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Collector Cutoff Current
(VCB = 200 Vdc, IE = 0)
MMBTA42, SMMBTA42
(VCB = 160 Vdc, IE = 0)
MMBTA43
ICBO
0.1
0.1
mAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc, IC = 0)
MMBTA42, SMMBTA42
(VEB = 4.0 Vdc, IC = 0)
MMBTA43
IEBO
0.1
0.1
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc)
Both Types
(IC = 10 mAdc, VCE = 10 Vdc)
Both Types
(IC = 30 mAdc, VCE = 10 Vdc)
MMBTA42, SMMBTA42
MMBTA43
hFE
25
40
40
40
Collector−Emitter Saturation Voltage
(IC = 20 mAdc, IB = 2.0 mAdc)
MMBTA42, SMMBTA42
MMBTA43
VCE(sat)
0.5
0.5
Vdc
Base−Emitter Saturation Voltage
(IC = 20 mAdc, IB = 2.0 mAdc)
VBE(sat)
0.9
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
50
MHz
Collector−Base Capacitance
(VCB = 20 Vdc, IE = 0, f = 1.0 MHz)
MMBTA42, SMMBTA42
MMBTA43
Ccb
3.0
4.0
pF
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.


Similar Part No. - MMBTA42L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
127Kb / 5P
   High Voltage Transistors
October, 2016 ??Rev. 13
logo
AiT Semiconductor Inc.
MMBTA42L AITSEMI-MMBTA42L Datasheet
552Kb / 6P
   GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE NPN TRANSISTOR
REV1.1
logo
Unisonic Technologies
MMBTA42L-AE3-R UTC-MMBTA42L-AE3-R Datasheet
126Kb / 4P
   HIGH VOLTAGE RANSISTOR
MMBTA42L-AE3-R UTC-MMBTA42L-AE3-R Datasheet
64Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MMBTA42L-AE3-R UTC-MMBTA42L-AE3-R Datasheet
109Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MMBTA42L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com