Electronic Components Datasheet Search |
|
DBCTDM1WW253 Datasheet(PDF) 4 Page - Dubilier |
|
DBCTDM1WW253 Datasheet(HTML) 4 Page - Dubilier |
4 / 4 page 268 D TYPE CONNECTORS - TURNED PIN WIRE WRAP SPECIFICATION OUTLINE DRAWING ORDERING INFORMATION 9, 15, 25, 37 or 50 way Turned Pin (Machined) Contact Gold Plated Contacts Yellow Zinc Metal or Tin Housings available Current Rating - 5Amps DBC Dubilier Connectors TD Series TD = Turn Pin D M1 Connector Type M1 = Male(plug) zinc F1 = Female(socket) zinc M2 = Male (plug) Tin F2 = Female (socket) Tin WW Contact Style WW = Wire Wrap Nº of Ways 09 = 9ways 15 = 15ways 25 = 25ways 37 = 37ways 50 = 50ways 09 3 Mechanical: Termination: Hand Solder Dip Solder straight Dip Solder 90°C Wire Wrap 0.6 x 0.6mm Polarisation: by trapezoidal shell Coupling: by friction, locking by special accessories Withdrawal force: ca. 0.5 N per contact Material and Finishes: Shell steel with yellow passivation over zinc plate (standard), steel nickel plated and tinned Insulators: Two part mouldings, polyester, glass fibre re-enforced, flame retarded according UL 94 V0 Contacts: Gold plated over nickel Insertion Cycles: 500 Electrical: Creeping Current Stability: KB 220 according to DIN 53480 Working Current: 5A per contact with 20AWG cable Working Voltages: 300V rms Test Voltage: 1000V rms Contact Resistance: below 5 x 10 -3Ω Insulation Resistance: over 10MΩ Temperature Range: - 55°C to 125°C A B C D E F G 9 WAY 30.8 25.0 12.4 22.2 13.0 20.5 11.4 15 WAY 39.2 33.3 12.4 30.5 13.0 28.8 11.4 25 WAY 53.1 47.0 12.4 44.3 13.0 42.5 11.4 37 WAY 69.5 63.5 12.4 60.7 13.0 59.1 11.4 50 WAY 67 61.1 15.4 58.3 13.0 56.3 14.1 Dimension - mm SOCKET G 10ϒ B F 3.2ø 2.5 E 10ϒ B D 3.2ø 2.5 PLUG SHELL DIMENSIONS A C B " " 4 6 1 0.6 4.5 10 STRAIGHT pins for to PCB 0.6 12 17.5 Wire wrap, terminals length 12.0mm www.dubilier.co.uk |
Similar Part No. - DBCTDM1WW253 |
|
Similar Description - DBCTDM1WW253 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |