Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLZ34NS Datasheet(PDF) 4 Page - International Rectifier

Part # IRLZ34NS
Description  HEXFET짰 Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ34NS Datasheet(HTML) 4 Page - International Rectifier

  IRLZ34NS Datasheet HTML 1Page - International Rectifier IRLZ34NS Datasheet HTML 2Page - International Rectifier IRLZ34NS Datasheet HTML 3Page - International Rectifier IRLZ34NS Datasheet HTML 4Page - International Rectifier IRLZ34NS Datasheet HTML 5Page - International Rectifier IRLZ34NS Datasheet HTML 6Page - International Rectifier IRLZ34NS Datasheet HTML 7Page - International Rectifier IRLZ34NS Datasheet HTML 8Page - International Rectifier IRLZ34NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRLZ34NS/L
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
200
400
600
800
1000
1200
1400
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
gd
C iss
C oss
C rss
0
3
6
9
12
15
0
4
8
12
16
20
24
28
32
Q
, T otal G ate C harge (nC )
G
A
FO R TE S T C IRC UIT
SE E F IG U R E 13
I
= 16 A
V
= 44 V
V
= 28 V
D
DS
DS
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T = 2 5°C
J
V
= 0V
GS
V
, S ourc e-to-D rain V oltage (V )
SD
A
T = 175°C
J
1
10
100
1000
1
1 0
100
V
, D ra in-to-S o u rce V o lta ge (V )
DS
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10µ s
100µs
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J


Similar Part No. - IRLZ34NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ34NS IRF-IRLZ34NS Datasheet
190Kb / 10P
   HEXFET Power MOSFET
IRLZ34NS IRF-IRLZ34NS Datasheet
311Kb / 8P
   HEXFET Power MOSFET
IRLZ34NSL IRF-IRLZ34NSL Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
More results

Similar Description - IRLZ34NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com