Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1606-8JLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1606-8JLC
Description  Micro Spring Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1606-8JLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  1606-8JLC Datasheet HTML 1Page - Coilcraft lnc. 1606-8JLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Micro SpringAir Core Inductors
Document 163-1
Document 163-1 Revised 03/19/13
SRF
DCR
Part
L2
Percent Q4
min5
max6 Irms7
number1 Turns
(nH)
tol3
min (GHz) (mOhm) (A)
0906-2_L_
2
1.65
10,5 100
10.0
4.0
1.6
0906-3_L_
3
2.55
5,2,1 100
8.2
5.0
1.6
0906-4_L_
4
3.85
5,2,1 100
7.5
6.0
1.6
0906-5_L_
5
5.40
5,2,1 100
7.0
8.0
1.6
1606-6_L_
6
5.60
5,2,1 100
6.5
9.0
1.6
1606-7_L_
7
7.15
5,2,1 100
6.0
10
1.6
1606-8_L_
8
8.80
5,2,1 100
6.0
12
1.6
1606-9_L_
9
9.85
5,2,1 100
5.2
13
1.6
1606-10_L_ 10
12.55
5,2,1 100
4.6
14
1.6
1. When ordering, specify
tolerance, termination and packaging codes:
1606-10GLC
Tolerance:
F = 1% G = 2% J = 5% K = 10% (Table shows stock
tolerances in bold.)
Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape, 500 parts per full reel.
B = Less than full reel. In tape, but not machine-ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
2. Inductance measured at 800 MHz using Agilent/HP 4286 or equivalent
with a Coilcraft SMD-A fixture and correlation.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 800 MHz using an Agilent/HP 4291A with an Agilent/
HP 16193A test fixture or equivalents.
5. SRF measured using an Agilent/HP 8720D or equivalent with a Coilcraft
SMD-D fixture.
6. DCR tested on the Cambridge Technology Model 510 Micro-ohmmeter
or equivalent.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Terminations RoHS compliant tin-silver over copper Other termina-
tions available at additional cost.
Weight 0906: 10 –12mg; 1606: 18 – 27mg
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 0906: 500 per 7
″ reel Plastic tape: 8 mm wide,
0.3 mm thick, 4 mm pocket spacing, 1.5 mm pocket depth
1606: 500 per 7
″ reel Plastic tape: 12 mm wide, 0.3 mm thick,
4 mm pocket spacing, 1.6 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Small air core inductors feature high Q and tight tolerances
• Acrylic jacket provides a flat top for pick and place
• Solder coated leads ensure reliable soldering
Dimensions are in
inches
mm


Similar Part No. - 1606-8JLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1606-8JLC COILCRAFT-1606-8JLC Datasheet
309Kb / 2P
   Micro Spring Air Core Inductors
More results

Similar Description - 1606-8JLC

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFA04TG XFMRS-XFA04TG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XFA01TK XFMRS-XFA01TK Datasheet
75Kb / 1P
   Micro Spring Air Core Inductors
1812-47NJ XFMRS-1812-47NJ Datasheet
126Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMG XFMRS-XF132-10SMG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMJ XFMRS-XF132-10SMJ Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-15SMJ XFMRS-XF132-15SMJ Datasheet
109Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-19SMJ XFMRS-XF132-19SMJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XFA02TJ XFMRS-XFA02TJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
logo
Coilcraft lnc.
0906-2KL COILCRAFT-0906-2KL Datasheet
243Kb / 2P
   Micro Spring??Air Core Inductors
logo
XFMRS Inc.
XF132-20SM XFMRS-XF132-20SM Datasheet
81Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XFA03TJ XFMRS-XFA03TJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com