Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHJB1016K Datasheet(PDF) 1 Page - Dubilier

Part # SHJB1016K
Description  SURFACE MOUNT TANTALUM CHIP SHJ
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SHJB1016K Datasheet(HTML) 1 Page - Dubilier

  SHJB1016K Datasheet HTML 1Page - Dubilier SHJB1016K Datasheet HTML 2Page - Dubilier SHJB1016K Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
109
SURFACE MOUNT
TANTALUM CHIP SHJ
Standard footprints
125˚C operation (with de-rating)
The SHJ series compliments the well-known SH for users requiring
surface-mount.
All product is supplied on plastic embossed tape as standard in full
reel sizes.
Please note: as technology improves size reduction may be possible. If
in doubt please call Sales office.
Low profile available.
Temperature
-55 to +125°C (with voltage de-rating)
Life Time
2,000 Hours @ +85˚C
Tolerance
± 10% standard (± 20% available)
L
A
S
A
H
W
W1
Code
EIA
W+0.2
L+0.2
H+0.2
W1+0.2 A+0.3
S Min.
Code
-0.1
-0.1
-0.2
A
3216
1.6
3.2
1.6
1.2
0.8
1.1
B
3528
2.8
3.5
1.9
2.2
0.8
1.4
C
6032
3.2
6.0
2.6
2.2
1.3
2.9
D
7343
4.3
7.3
2.9
2.4
1.3
4.4
E
7343H
4.3
7.3
4.1
2.4
1.3
4.4
All dimensions in mm.
W1 dimension applies to the termination width for A dimensional
area only.. Pad Stand-off is 0.1 ± 0.1
Case
A
2,000
B
2,000
C
500
D
500
E
400/500
SHJ
B
10
16
Dubilier Tant
SMT
Case size
µf value
Voltage
K
Tolerance
K = 10%
M = 20%
Polarity
Indicator (+)
REEL SIZES
ORDERING INFORMATION
CONSTRUCTION DIAGRAM
OUTLINE DRAWING
POLARITY
Negative
Termination*
Washer
Polarity
Stripe (+)
Polarity
Bevel (+)
Tantalum
Wire
Positive
Termination*
Weld
Silver Paint
(Third Layer)
Carbon
(Second Layer)
Mn02 Coat
(First Layer)
Tantalum
(Ta2O5)
Moulded
Case
*Termination Solder Coating Sn
Silver Adhesive
www.dubilier.co.uk


Similar Part No. - SHJB1016K

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJB1016K DUBILIER-SHJB1016K Datasheet
175Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
More results

Similar Description - SHJB1016K

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJB1016K DUBILIER-SHJB1016K Datasheet
175Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
logo
Vishay Siliconix
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com