Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-463YDS Datasheet(PDF) 4 Page - Lucky Light Electronic

Part # LL-463YDS
Description  3.68*6.3mm Rectangular Legend Yellow LED Technical Data Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-463YDS Datasheet(HTML) 4 Page - Lucky Light Electronic

  LL-463YDS Datasheet HTML 1Page - Lucky Light Electronic LL-463YDS Datasheet HTML 2Page - Lucky Light Electronic LL-463YDS Datasheet HTML 3Page - Lucky Light Electronic LL-463YDS Datasheet HTML 4Page - Lucky Light Electronic LL-463YDS Datasheet HTML 5Page - Lucky Light Electronic LL-463YDS Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LUCKY LIGHT
Spec No: VET1003
Rev No:V.1
Date: Dec/05/1990
Page: 4 OF 6
Approved:
JoJo
Checked:
Bob
Drawn: Jiang
Lucky Light Electronics Co., Ltd
Http://www.luckylight.cn
Absolute Maximum Ratings at Ta=25℃
Parameter
MAX.
Unit
Power Dissipation
100
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
Continuous Forward Current
30
mA
Derating Linear From 50℃
0.4
mA/℃
Reverse Voltage
5
V
Operating Temperature Range
-40℃ to +80℃
Storage Temperature Range
-40℃ to +80℃
Lead Soldering Temperature
[4mm(.157”) From Body]
260℃ for 5 Seconds
Electrical Optical Characteristics at Ta=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
Iv
1.0
4.0
---
mcd
IF=10mA (Note 1)
Viewing Angle
1/2
---
100
---
Deg
(Note 2)
Peak Emission Wavelength
λp
---
588
---
nm
IF=20mA
Dominant Wavelength
λd
---
585
---
nm
IF=20mA (Note 3)
Spectral Line Half-Width
△λ
---
22
---
nm
IF=20mA
Forward Voltage
VF
---
2.1
2.4
V
IF=20mA
Reverse Current
IR
---
---
10
µA
VR=5V
Note:
1. Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity.
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.


Similar Part No. - LL-463YDS

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-463YDS LUCKY-LIGHT-LL-463YDS Datasheet
119Kb / 6P
   Yellow LED
LL-463YDS LUCKY-LIGHT-LL-463YDS_15 Datasheet
119Kb / 6P
   Yellow LED
More results

Similar Description - LL-463YDS

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-463GDS LUCKY-LIGHT-LL-463GDS Datasheet
119Kb / 6P
   3.68*6.3mm Rectangular Legend Yellow Green LED Technical Data Sheet
LL-463IDS LUCKY-LIGHT-LL-463IDS Datasheet
125Kb / 6P
   3.68*6.3mm Rectangular Legend Hi-Eff Red LED Technical Data Sheet
logo
Everlight Electronics C...
1003SURD-S530-A3 EVERLIGHT-1003SURD-S530-A3 Datasheet
104Kb / 6P
   Technical Data Sheet 3.68*6.22mm Rectangular Legend LED Lamps
1003UYD EVERLIGHT-1003UYD_10 Datasheet
134Kb / 7P
   3.68*6.22mm Rectangular Legend LED Lamps
1003GD EVERLIGHT-1003GD Datasheet
99Kb / 4P
   3.68, 6.22mm Rectangular Legend LED Lamps
1003SURD EVERLIGHT-1003SURD Datasheet
104Kb / 6P
   3.68*6.22mm Rectangular Legend LED Lamps
1003SYGD EVERLIGHT-1003SYGD Datasheet
108Kb / 6P
   3.68*6.22mm Rectangular Legend LED Lamps
1003SYGD EVERLIGHT-1003SYGD_10 Datasheet
140Kb / 7P
   3.68*6.22mm Rectangular Legend LED Lamps
1003UYD EVERLIGHT-1003UYD Datasheet
106Kb / 6P
   3.68*6.22mm Rectangular Legend LED Lamps
1006SYGSURW-S530-A3 EVERLIGHT-1006SYGSURW-S530-A3 Datasheet
150Kb / 7P
   3.68*6.22mm Multi-Color Rectangular Legend LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com