Electronic Components Datasheet Search |
|
SHJD3310 Datasheet(PDF) 1 Page - Dubilier |
|
SHJD3310 Datasheet(HTML) 1 Page - Dubilier |
1 / 3 page 109 SURFACE MOUNT TANTALUM CHIP SHJ Standard footprints 125˚C operation (with de-rating) The SHJ series compliments the well-known SH for users requiring surface-mount. All product is supplied on plastic embossed tape as standard in full reel sizes. Please note: as technology improves size reduction may be possible. If in doubt please call Sales office. Low profile available. Temperature -55 to +125°C (with voltage de-rating) Life Time 2,000 Hours @ +85˚C Tolerance ± 10% standard (± 20% available) L A S A H W W1 Code EIA W+0.2 L+0.2 H+0.2 W1+0.2 A+0.3 S Min. Code -0.1 -0.1 -0.2 A 3216 1.6 3.2 1.6 1.2 0.8 1.1 B 3528 2.8 3.5 1.9 2.2 0.8 1.4 C 6032 3.2 6.0 2.6 2.2 1.3 2.9 D 7343 4.3 7.3 2.9 2.4 1.3 4.4 E 7343H 4.3 7.3 4.1 2.4 1.3 4.4 All dimensions in mm. W1 dimension applies to the termination width for A dimensional area only.. Pad Stand-off is 0.1 ± 0.1 Case A 2,000 B 2,000 C 500 D 500 E 400/500 SHJ B 10 16 Dubilier Tant SMT Case size µf value Voltage K Tolerance K = 10% M = 20% Polarity Indicator (+) REEL SIZES ORDERING INFORMATION CONSTRUCTION DIAGRAM OUTLINE DRAWING POLARITY Negative Termination* Washer Polarity Stripe (+) Polarity Bevel (+) Tantalum Wire Positive Termination* Weld Silver Paint (Third Layer) Carbon (Second Layer) Mn02 Coat (First Layer) Tantalum (Ta2O5) Moulded Case *Termination Solder Coating Sn Silver Adhesive www.dubilier.co.uk |
Similar Part No. - SHJD3310 |
|
Similar Description - SHJD3310 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |