Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660SCPA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7660SCPA
Description  Guaranteed Lower Max Supply Current for All Temperature Ranges
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7660SCPA Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7660SCPA Datasheet HTML 1Page - Intersil Corporation ICL7660SCPA Datasheet HTML 2Page - Intersil Corporation ICL7660SCPA Datasheet HTML 3Page - Intersil Corporation ICL7660SCPA Datasheet HTML 4Page - Intersil Corporation ICL7660SCPA Datasheet HTML 5Page - Intersil Corporation ICL7660SCPA Datasheet HTML 6Page - Intersil Corporation ICL7660SCPA Datasheet HTML 7Page - Intersil Corporation ICL7660SCPA Datasheet HTML 8Page - Intersil Corporation ICL7660SCPA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN3179.7
January 23, 2013
Ordering Information
PART NUMBER
(NOTE 3)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
ICL7660SCBA (Note 1)
7660 SCBA
0 to +70
8 Ld SOIC
M8.15
ICL7660SCBAZ
(Notes 1, 2)
7660 SCBAZ
0 to +70
8 Ld SOIC (Pb-free)
M8.15
ICL7660SCPA
7660S CPA
0 to +70
8 Ld PDIP
E8.3
ICL7660SCPAZ (Note 2)
7660S CPAZ
0 to +70
8 Ld PDIP (Pb-free; Note 4)
E8.3
ICL7660SIBA (Note 1)
7660 SIBA
-40 to +85
8 Ld SOIC
M8.15
ICL7660SIBAZ
(Notes 1, 2)
7660 SIBAZ
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
ICL7660SIPA
7660 SIPA
-40 to +85
8 Ld PDIP
E8.3
ICL7660SIPAZ
(Note 2)
7660S IPAZ
-40 to +85
8 Ld PDIP (Pb-free; Note 4)
E8.3
ICL7660ACBA (Note 1)
7660ACBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7660ACBAZA
(Notes 1, 2)
7660ACBAZ
0 to 70
8 Ld SOIC (N) (Pb-free)
M8.15
ICL7660ACPA
7660ACPA
0 to 70
8 Ld PDIP
E8.3
ICL7660ACPAZ (Note 2)
7660ACPAZ
0 to 70
8 Ld PDIP (Pb-free; Note 4)
E8.3
ICL7660AIBA (Note 1)
7660AIBA
-40 to 85
8 Ld SOIC (N)
M8.15
ICL7660AIBAZA
(Notes 1, 2)
7660AIBAZ
-40 to 85
8 Ld SOIC (N) (Pb-free)
M8.15
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ICL7660S, ICL7660A. For more information on MSL, please see
Tech Brief TB363.
4. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in reflow solder processing applications.
ICL7660S, ICL7660A


Similar Part No. - ICL7660SCPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660SCPA INTERSIL-ICL7660SCPA Datasheet
77Kb / 9P
   Super Voltage Converter
logo
Renesas Technology Corp
ICL7660SCPA RENESAS-ICL7660SCPA Datasheet
624Kb / 13P
   Super Voltage Converters
ICL7660SCPAZ RENESAS-ICL7660SCPAZ Datasheet
624Kb / 13P
   Super Voltage Converters
More results

Similar Description - ICL7660SCPA

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
ICL7660SMTV ROCHESTER-ICL7660SMTV Datasheet
723Kb / 1P
   GUARANTEED PERFORMANCE for military temperature ranges
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
   Lower ranges available - contact factory
logo
TDK Electronics
CGA6P3X7R1H475K250AB TDK-CGA6P3X7R1H475K250AB Datasheet
60Kb / 5P
   Multilayer Ceramic Chip Capacitors For automobile(Guaranteed at high temperature[150째C max.])
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
IK Semicon Co., Ltd
KL7107 IKSEMICON-KL7107 Datasheet
415Kb / 11P
   Guaranteed Zero Reading for 0V Input on All Scales
logo
Analog Devices
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Shanghai Leiditech Elec...
SMF4730 LEIDITECH-SMF4730 Datasheet
603Kb / 3P
   For surface mounted applications High temperature soldering guaranteed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com