Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740IVZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6740IVZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6740IVZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6740IVZ Datasheet HTML 3Page - Intersil Corporation ISL6740IVZ Datasheet HTML 4Page - Intersil Corporation ISL6740IVZ Datasheet HTML 5Page - Intersil Corporation ISL6740IVZ Datasheet HTML 6Page - Intersil Corporation ISL6740IVZ Datasheet HTML 7Page - Intersil Corporation ISL6740IVZ Datasheet HTML 8Page - Intersil Corporation ISL6740IVZ Datasheet HTML 9Page - Intersil Corporation ISL6740IVZ Datasheet HTML 10Page - Intersil Corporation ISL6740IVZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL6740, ISL6741
7
FN9111.6
December 2, 2011
Absolute Maximum Ratings (Note 6)
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUTA, OUTB, Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VREF
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . 1500V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93). . . . . . . . 1000V
Operating Conditions
Temperature Range
ISL6740Ix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
ISL6741Ix. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . . . . 9VDC - 16VDC
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
16 Lead SOIC (Notes 4, 5) . . . . . . . . . . . . . .
74
33
16 Lead TSSOP (Notes 4, 5) . . . . . . . . . . . .
98
30
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379.
5. For
θJC, the “case temp” location is taken at the package top center.
6. All voltages are with respect to GND.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on
page 2 and page 3 and Typical Application Schematics on page 4 to page 6. 9V < VDD < 20 V, RTD = 51.1kΩ, RTC = 10kΩ, CT = 470pF, TA = -40°C
to +105°C, Typical values are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +105°C
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
SUPPLY VOLTAGE
Start-Up Current, IDD
VDD < START Threshold
-
95
140
µA
Operating Current, IDD
RLOAD, COUTA,B = 0
-
5.0
8.0
mA
COUTA,B = 1nF
-
7.0
12.0
mA
UVLO START Threshold
6.50
7.25
8.00
V
UVLO STOP Threshold
6.00
6.75
7.50
V
Hysteresis
0.25
0.50
0.75
V
REFERENCE VOLTAGE
Overall Accuracy
IVREF = 0, -20mA
4.900
5.000
5.050
V
Long Term Stability
TA = +125°C, 1000 hours
-
3
-
mV
Fault Voltage
4.10
4.55
4.75
V
VREF Good Voltage
4.25
4.75
VREF - 0.05
V
Hysteresis
75
165
250
mV
Operational Current (Source)
-20
--
mA
Operational Current (Sink)
5
--
mA
Current Limit
-25
-
-100
mA
CURRENT SENSE
Current Limit Threshold
VERROR = VREF
0.55
0.6
0.65
V
CS to OUT Delay
-35
50
ns
CS Sink Current
-10
-
mA
Input Bias Current
-1.00
-
1.00
µA
CS to PWM Comparator Input Offset (ISL6741)
(Note 7)
-
80
-
mV


Similar Part No. - ISL6740IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Renesas Technology Corp
ISL6740IVZ RENESAS-ISL6740IVZ Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results

Similar Description - ISL6740IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com