Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHJD3316 Datasheet(PDF) 3 Page - Dubilier

Part # SHJD3316
Description  SURFACE MOUNT TANTALUM CHIP SHJ
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SHJD3316 Datasheet(HTML) 3 Page - Dubilier

  SHJD3316 Datasheet HTML 1Page - Dubilier SHJD3316 Datasheet HTML 2Page - Dubilier SHJD3316 Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
111
SURFACE MOUNT
TANTALUM CHIP SHJ
RATINGS & NUMBER REFERENCE (CONTINUED)
DUBILIER RESERVES THE RIGHT TO SUPPLY HIGHER VOLTAGE RATINGS IN THE
SAME CASE SIZE WITH THE SAME RELIABILITY STANDARDS.
Part
No.
Case
Size
Capacitance
µF
IL
(µA)
DF
% max
ESR max (Ω)
@100KHz
10 volts
SHJA1.510
A
1.5
0.5
6.0
10.0
SHJA2.210
A
2.2
0.5
6.0
8.0
SHJA6.810
A
6.8
0.7
6.0
4.0
SHJA1010
A
10
1.0
6.0
4.0
SHJA1510
A
10
1.5
8.0
6.0
SHJA2210
A
22
2.2
10.0
6.0
SHJB4.710
B
4.7
0.5
6.0
4.0
SHJB6.810
B
6.8
0.7
6.0
3.0
SHJB3310
B
33
3.3
6.0
1.8
SHJB4710
B
47
4.7
8.0
1.0
SHJB6810
B
68
6.8
10.0
3.0
SHJC1010
C
10
1.0
6.0
2.0
SHJC1510
C
15
1.5
6.0
2.0
SHJC4710
C
47
4.7
6.0
1.2
SHJC6810
C
68
6.8
6.0
1.2
SHJC10010
C
100
10.0
8.0
1.2
SHJC15010
C
150
15.0
10.0
0.9
SHJD3310
D
33
3.3
6.0
0.8
SHJD4710
D
47
4.7
6.0
0.9
SHJD15010
D
150
15.0
8.0
0.9
SHJD22010
D
220
22.0
8.0
0.5
SHJE15010
E
150
15.0
6.0
0.9
SHJE22010
E
220
22.0
8.0
0.5
SHJE33010
E
330
33.0
8.0
0.9
SHJE47010
E
470
47.0
10.0
0.2
16 volts
SHJA116
A
1
0.5
4.0
11.0
SHJA1.516
A
1.5
0.5
6.0
8.0
SHJA4.716
A
4.7
0.8
6.0
4.0
SHJA6.816
A
6.8
1.1
6.0
3.5
SHJA1016
A
10
1.6
8.0
7.0
SHJA1516
A
15
2.4
8.0
3.5
SHJB3.316
B
3.3
0.5
6.0
4.5
SHJB4.716
B
4.7
0.8
6.0
3.5
SHJB1516
B
15
2.4
6.0
2.5
SHJB2216
B
22
3.6
6.0
2.2
SHJC6.816
C
6.8
1.1
6.0
2.5
SHJC1016
C
10
1.6
6.0
2.0
SHJC3316
C
33
5.3
6.0
1.5
SHJC4716
C
47
7.5
6.0
1.2
SHJD2216
D
22
3.5
6.0
0.8
SHJD3316
D
33
5.3
6.0
0.9
SHJD10016
D
100
16.0
6.0
0.9
SHJD15016
D
150
24.0
12.0
0.7
SHJE10016
E
100
16.0
6.0
0.9
SHJE15016
E
150
24.0
8.0
0.5
SHJE22016
E
220
35.2
8.0
0.5
20 volts
SHJA0.6820
A
0.68
0.5
4.0
12.0
SHJA120
A
1
0.5
4.0
9.0
SHJA2.220
A
2.2
0.5
6.0
7.0
SHJA3.320
A
3.3
0.7
6.0
4.5
SHJA4.720
A
4.7
1.0
6.0
4.0
SHJA6.820
A
6.8
1.4
8.0
6.0
SHJB2.220
B
2.2
0.5
6.0
3.5
SHJB3.320
B
3.3
0.7
6.0
3.0
SHJB6.820
B
6.8
1.4
6.0
2.5
SHJB1020
B
10
2.0
6.0
2.1
SHJC4.720
C
4.7
1.0
6.0
2.8
SHJC6.820
C
6.8
1.4
6.0
2.0
SHJC2220
C
22
4.4
6.0
1.2
SHJD1520
D
15
3.0
6.0
1.1
SHJD2220
D
22
4.4
6.0
0.9
SHJD3320
D
33
6.6
6.0
0.9
SHJD4720
D
47
9.4
6.0
0.9
SHJD6820
D
68
13.6
8.0
0.7
SHJE6820
E
68
13.6
6.0
0.9
SHJE10020
E
100
20.0
8.0
0.5
Part
No.
Case
Size
Capacitance
µF
IL
(µA)
DF
% max
ESR max (Ω)
@100KHz
25 volts
SHJA0.4725
A
0.47
0.5
4.0
14.0
SHJA0.6825
A
0.68
0.5
4.0
10.0
SHJA1.525
A
1.5
0.5
6.0
7.5
SHJA4.725
A
4.7
1.2
8.0
6.0
SHJB1.525
B
1.5
0.5
6.0
5.0
SHJB2.225
B
2.2
0.6
6.0
4.5
SHJB4.725
B
4.7
1.2
6.0
1.5
SHJB6.825
B
6.8
1.7
8.0
2.8
SHJC3.325
C
3.3
0.9
6.0
2.8
SHJC4.725
C
4.7
1.2
6.0
2.4
SHJC1525
C
15
3.8
6.0
1.5
SHJC2225
C
22
5.5
6.0
1.4
SHJD6.825
D
6.8
1.7
6.0
1.9
SHJD1025
D
10
2.5
6.0
1.2
SHJD1525
D
15
3.8
6.0
1.0
SHJD3325
D
33
6.6
6.0
0.9
SHJD4725
D
47
11.8
10.0
0.7
SHJE3325
E
33
8.3
6.0
0.9
SHJE4725
E
47
11.7
8.0
0.9
SHJE6825
E
68
17.0
8.0
0.7
35 volts
SHJA0.135
A
0.1
0.5
4.0
24.0
SHJA0.1535
A
0.15
0.5
4.0
21.0
SHJA0.2235
A
0.22
0.5
4.0
18.0
SHJA0.3335
A
0.33
0.5
4.0
15.0
SHJA0.4735
A
0.47
0.5
4.0
12
SHJA135
A
1
0.5
4.0
7.5
SHJB0.4735
B
0.47
0.5
4.0
10.0
SHJB0.6835
B
0.68
0.5
4.0
8.0
SHJB135
B
1
0.5
4.0
5.0
SHJB3.335
B
3.3
1.2
6.0
3.5
SHJB4.735
B
4.7
1.6
6.0
3.1
SHJC1.535
C
1.5
0.5
6.0
4.5
SHJC2.235
C
2.2
0.8
6.0
3.5
SHJC3.335
C
3.3
1.2
6.0
2.5
SHJC6.835
C
6.8
2.4
6.0
1.8
SHJC1035
C
10
3.5
6.0
1.6
SHJC1535
C
15
5.3
6.0
1.4
SHJD4.735
D
4.7
1.6
6.0
1.5
SHJD6.835
D
6.8
2.4
6.0
1.3
SHJD1035
D
10
3.5
6.0
1.0
SHJD2235
D
22
7.7
6.0
0.7
SHJE2235
E
22
7.7
6.0
0.9
SHJE3335
E
33
8.3
6.0
0.6
SHJE4735
E
47
16.5
8.0
0.6
50 volts
SHJA0.150
A
0.1
0.5
4.0
22.0
SHJB0.1550
B
0.15
0.5
4.0
17.0
SHJB0.2250
B
0.22
0.5
4.0
14.0
SHJB0.3350
B
0.33
0.5
4.0
10.0
SHJB0.4750
B
0.47
0.5
4.0
10.0
SHJB0.6850
B
0.68
0.5
4.0
8.0
SHJC0.4750
C
0.47
0.5
4.0
8.0
SHJC0.6850
C
0.68
0.5
4.0
7.0
SHJC150
C
1
0.5
4.0
5.5
SHJC1.550
C
1.5
0.8
6.0
4.5
SHJC2.250
C
2.2
1.1
6.0
3.2
SHJD1.550
D
1.5
0.8
6.0
4.0
SHJD2.250
D
2.2
1.1
6.0
2.5
SHJD3.350
D
3.3
1.7
6.0
2.0
SHJD4.750
D
4.7
2.4
6.0
1.4
SHJD1050
D
10
5.0
6.0
0.8
SHJE6.850
E
6.8
3.4
6.0
1.0
SHJE1050
E
10
5.0
8.0
0.7
SHJE1550
E
15
7.5
8.0
0.7
All technical data relates to an ambient temperature of +25˚C measured at 120Hz,
0.5V RMS unless otherwise stated.
www.dubilier.co.uk


Similar Part No. - SHJD3316

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJD3316 DUBILIER-SHJD3316 Datasheet
289Kb / 3P
   TANTALUM CHIP
More results

Similar Description - SHJD3316

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJB1016K DUBILIER-SHJB1016K Datasheet
175Kb / 3P
   SURFACE MOUNT TANTALUM CHIP SHJ
logo
Vishay Siliconix
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com