Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32495E Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL32495E
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32495E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL32495E Datasheet HTML 1Page - Intersil Corporation ISL32495E Datasheet HTML 2Page - Intersil Corporation ISL32495E Datasheet HTML 3Page - Intersil Corporation ISL32495E Datasheet HTML 4Page - Intersil Corporation ISL32495E Datasheet HTML 5Page - Intersil Corporation ISL32495E Datasheet HTML 6Page - Intersil Corporation ISL32495E Datasheet HTML 7Page - Intersil Corporation ISL32495E Datasheet HTML 8Page - Intersil Corporation ISL32495E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
±60V Fault Protected, 5V, RS-485/RS-422 Transceivers
with ±25V CMR and ESD Protection
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E,
ISL32498E
The ISL32490E, ISL32492E, ISL32493E, ISL32495E,
ISL32496E, ISL32498E are fault protected, 5V powered,
differential transceivers that exceed the RS-485 and RS-422
standards for balanced communication. The RS-485 transceiver
pins (driver outputs and receiver inputs) are fault protected up to
±60V and are protected against ±16.5kV ESD strikes without
latch-up. Additionally, the extended common mode range allows
these transceivers to operate in environments with common
mode voltages up to ±25V (>2x the RS-485 requirement),
making this fault protected RS-485 family one of the most
robust on the market.
Transmitters (Tx) deliver an exceptional 2.5V (typical)
differential output voltage into the RS-485 specified 54Ω load.
This yields better noise immunity than standard RS-485 ICs or
allows up to six 120Ω terminations in star network topologies.
Receiver (Rx) inputs feature a “Full Fail-Safe” design that
ensures a logic high Rx output if Rx inputs are floating, shorted,
or on a terminated but undriven (idle) bus. Rx outputs have high
drive levels; typically, 15mA @ VOL = 1V (for opto-coupled,
isolated applications).
Half duplex (Rx inputs and Tx outputs multiplexed together)
and full duplex pinouts are available. See Table 1 on page 2 for
key features and configurations by device number.
For fault protected or wide common mode range RS-485
transceivers with cable invert (polarity reversal) pins, please
see the ISL32483E data sheet.
Features
• Fault Protected RS-485 Bus Pins. . . . . . . . . . . . . . Up to ±60V
• Extended Common Mode Range . . . . . . . . . . . . . . . . . . . ±25V
More than Twice the Range Required for RS-485
±16.5kV HBM ESD Protection on RS-485 Bus Pins
• 1/4 Unit Load for Up to 128 Devices on the Bus
• High Transient Overvoltage Tolerance . . . . . . . . . . . . . . . ±80V
• Full Fail-Safe (Open, Short, Terminated) RS-485 Receivers
•High Rx IOL for Opto-Couplers in Isolated Designs
• Hot Plug Circuitry; Tx and Rx Outputs Remain Three-State
During Power-Up/Power-Down
• Choice of RS-485 Data Rates. . . . . . . . . 250kbps to 15Mbps
• Low Quiescent Supply Current . . . . . . . . . . . . . . . . . . . 2.3mA
• Ultra Low Shutdown Supply Current . . . . . . . . . . . . . . . . 10µA
Applications
• Utility Meters/Automated Meter Reading Systems
•High Node Count RS-485 Systems
• PROFIBUS™ and RS-485 Based Field Bus Networks, and
Factory Automation
•Security Camera Networks
• Building Lighting and Environmental Control Systems
• Industrial/Process Control Networks
FIGURE 1. EXCEPTIONAL Rx OPERATES AT >15Mbps EVEN WITH
A ±25V COMMON MODE VOLTAGE
FIGURE 2. ISL3249xE DELIVERS SUPERIOR COMMON MODE
RANGE vs STANDARD RS-485 DEVICES
TIME (20ns/DIV)
-5
0
5
10
15
20
25
30
B
VID = ±1V
A
RO
ISL3249xE
CLOSEST
COMPETITOR
STANDARD RS-485
TRANSCEIVER
-25
-20
-12
-7
0
12
25
March 16, 2012
FN7786.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL32495E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32495E INTERSIL-ISL32495E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32495E INTERSIL-ISL32495E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL32495E RENESAS-ISL32495E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32495EIBZ INTERSIL-ISL32495EIBZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32495EIBZ RENESAS-ISL32495EIBZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Similar Description - ISL32495E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com