Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32496E Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL32496E
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32496E Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL32496E Datasheet HTML 4Page - Intersil Corporation ISL32496E Datasheet HTML 5Page - Intersil Corporation ISL32496E Datasheet HTML 6Page - Intersil Corporation ISL32496E Datasheet HTML 7Page - Intersil Corporation ISL32496E Datasheet HTML 8Page - Intersil Corporation ISL32496E Datasheet HTML 9Page - Intersil Corporation ISL32496E Datasheet HTML 10Page - Intersil Corporation ISL32496E Datasheet HTML 11Page - Intersil Corporation ISL32496E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
8
FN7786.2
March 16, 2012
fMAX
Maximum Data Rate
CD = 470pF (Figure 6)
Full
15
25
-
Mbps
tZH
Driver Enable to Output High
SW = GND (Figure 5), (Note 9)
Full
-
-
100
ns
tZL
Driver Enable to Output Low
SW = VCC (Figure 5), (Note 9)
Full
-
-
100
ns
tLZ
Driver Disable from Output
Low
SW = VCC (Figure 5)
Full
-
-
120
ns
tHZ
Driver Disable from Output
High
SW = GND (Figure 5)
Full
-
-
120
ns
tSHDN
Time to Shutdown
(Note 11)
Full
60
160
600
ns
tZH(SHDN) Driver Enable from Shutdown
to Output High
SW = GND (Figure 5), (Notes 11, 12)
Full
-
-
2000
ns
tZL(SHDN)
Driver Enable from Shutdown
to Output Low
SW = VCC (Figure 5), (Notes 11, 12)
Full
-
-
2000
ns
RECEIVER SWITCHING CHARACTERISTICS (250kbps Versions; ISL32490E, ISL32492E)
fMAX
Maximum Data Rate
-25V ≤ VCM ≤ 25V (Figure 7)
Full
0.25
5-
Mbps
tPLH, tPHL Receiver Input to Output Delay -25V ≤ VCM ≤ 25V (Figure 7)
Full
-
200
280
ns
tSKD
Receiver Skew |tPLH - tPHL|(Figure 7)
Full
-
4
10
ns
tZL
Receiver Enable to Output
Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Note 10)
Full
-
-
50
ns
tZH
Receiver Enable to Output
High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Note 10)
Full
-
-
50
ns
tLZ
Receiver Disable from Output
Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8)
Full
-
-
50
ns
tHZ
Receiver Disable from Output
High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8)
Full
-
-
50
ns
tSHDN
Time to Shutdown
(Note 11)
Full
60
160
600
ns
tZH(SHDN) Receiver Enable from
Shutdown to Output High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 11, 13)
Full
-
-
2000
ns
tZL(SHDN) Receiver Enable from
Shutdown to Output Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 11, 13)
Full
-
-
2000
ns
RECEIVER SWITCHING CHARACTERISTICS (1Mbps Versions; ISL32493E, ISL32495E)
fMAX
Maximum Data Rate
-25V ≤ VCM ≤ 25V (Figure 7)
Full
1
15
-
Mbps
tPLH, tPHL Receiver Input to Output Delay -25V ≤ VCM ≤ 25V (Figure 7)
Full
-
90
150
ns
tSKD
Receiver Skew |tPLH -tPHL|(Figure 7)
Full
-
4
10
ns
tZL
Receiver Enable to Output
Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Note 10)
Full
-
-
50
ns
tZH
Receiver Enable to Output
High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Note 10)
Full
-
-
50
ns
tLZ
Receiver Disable from Output
Low
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8)
Full
-
-
50
ns
tHZ
Receiver Disable from Output
High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8)
Full
-
-
50
ns
tSHDN
Time to Shutdown
(Note 11)
Full
60
160
600
ns
tZH(SHDN) Receiver Enable from
Shutdown to Output High
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 11, 13)
Full
-
-
2000
ns
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS


Similar Part No. - ISL32496E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32496E INTERSIL-ISL32496E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32496E RENESAS-ISL32496E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32496EIBZ INTERSIL-ISL32496EIBZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32496EIBZ RENESAS-ISL32496EIBZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32496EIUZ RENESAS-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Similar Description - ISL32496E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com