Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3222CVZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL3222CVZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3222CVZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL3222CVZ Datasheet HTML 6Page - Intersil Corporation ICL3222CVZ Datasheet HTML 7Page - Intersil Corporation ICL3222CVZ Datasheet HTML 8Page - Intersil Corporation ICL3222CVZ Datasheet HTML 9Page - Intersil Corporation ICL3222CVZ Datasheet HTML 10Page - Intersil Corporation ICL3222CVZ Datasheet HTML 11Page - Intersil Corporation ICL3222CVZ Datasheet HTML 12Page - Intersil Corporation ICL3222CVZ Datasheet HTML 13Page - Intersil Corporation ICL3222CVZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN4805.21
March 1, 2006
Detailed Description
ICL32XX interface ICs operate from a single +3V to +5.5V
supply, guarantee a 250kbps minimum data rate, require
only four small external 0.1
µF capacitors, feature low power
consumption, and meet all ElA RS-232C and V.28
specifications. The circuit is divided into three sections:
charge pump, transmitters and receivers.
Charge-Pump
Intersil’s new ICL32XX family utilizes regulated on-chip dual
charge pumps as voltage doublers, and voltage inverters to
generate
±5.5V transmitter supplies from a VCC supply as
low as 3.0V. This allows these devices to maintain RS-232
compliant output levels over the
±10% tolerance range of
3.3V powered systems. The efficient on-chip power supplies
require only four small, external 0.1
µF capacitors for the
voltage doubler and inverter functions at VCC = 3.3V. See
the Capacitor Selection section, and Table 3 for capacitor
recommendations for other operating conditions. The charge
pumps operate discontinuously (i.e., they turn off as soon as
the V+ and V- supplies are pumped up to the nominal
values), resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip
±5.5V supplies,
these transmitters deliver true RS-232 levels over a wide
range of single supply system voltages.
Except for the ICL3232, all transmitter outputs disable and
assume a high impedance state when the device enters the
powerdown mode (See Table 2). These outputs may be
driven to
±12V when disabled.
All devices guarantee a 250kbps data rate for full load
conditions (3k
Ω and 1000pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL =3kΩ, and CL = 250pF, one
transmitter easily operates at 900kbps.
Transmitter inputs float if left unconnected, and may cause
ICC increases. Connect unused inputs to GND for the best
performance.
Receivers
All the ICL32XX devices contain standard inverting receivers
that three-state (except for the ICL3232) via the EN or
FORCEOFF control lines. Additionally, the two ICL324X
products include noninverting (monitor) receivers (denoted
by the ROUTB label) that are always active, regardless of the
state of any control lines. All the receivers convert RS-232
signals to CMOS output levels and accept inputs up to
±25V
while presenting the required 3k
Ω to 7kΩ input impedance
(See Figure 1) even if the power is off (VCC = 0V). The
receivers’ Schmitt trigger input stage uses hysteresis to
increase noise immunity and decrease errors due to slow
input signal transitions.
The ICL3221/22/23/41 inverting receivers disable only when
EN is driven high. ICL3243 receivers disable during forced
(manual) powerdown, but not during automatic powerdown
(See Table 2).
ICL324X monitor receivers remain active even during
manual powerdown and forced receiver disable, making
them extremely useful for Ring Indicator monitoring.
Standard receivers driving powered down peripherals must
be disabled to prevent current flow through the peripheral’s
protection diodes (See Figures 2 and 3). This renders them
useless for wake up functions, but the corresponding
monitor receiver can be dedicated to this task as shown in
Figure 3.
Low Power Operation
These 3V devices require a nominal supply current of
0.3mA, even at VCC = 5.5V, during normal operation (not in
powerdown mode). This is considerably less than the 5mA
to 11mA current required by comparable 5V RS-232 devices,
allowing users to reduce system power simply by switching
to this new family.
Pin Compatible Replacements For 5V Devices
The ICL3221/22/32 are pin compatible with existing 5V
RS-232 transceivers - see the Features section on the front
page for details.
This pin compatibility coupled with the low Icc and wide
operating supply range, make the ICL32XX potential lower
power, higher performance drop-in replacements for existing
5V applications. As long as the
±5V RS-232 output swings
are acceptable, and transmitter input pull-up resistors aren’t
required, the ICL32XX should work in most 5V applications.
When replacing a device in an existing 5V application, it is
acceptable to terminate C3 to VCC as shown on the Typical
Operating Circuit. Nevertheless, terminate C3 to GND if
possible, as slightly better performance results from this
configuration.
Powerdown Functionality (Except ICL3232)
The already low current requirement drops significantly
when the device enters powerdown mode. In powerdown,
supply current drops to 1
µA, because the on-chip charge
pump turns off (V+ collapses to VCC, V- collapses to GND),
and the transmitter outputs three-state. Inverting receiver
outputs may or may not disable in powerdown; refer to
Table 2 for details. This micro-power mode makes these
devices ideal for battery powered and portable applications.
RXOUT
GND
≤ VROUT ≤ VCC
5k
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243


Similar Part No. - ICL3222CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3222CVZ INTERSIL-ICL3222CVZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222CVZ INTERSIL-ICL3222CVZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222CVZ INTERSIL-ICL3222CVZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222CVZ INTERSIL-ICL3222CVZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222CVZ INTERSIL-ICL3222CVZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3222CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232IV INTERSIL-ICL3232IV Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com