Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84053IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL84053IBZ
Description  Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84053IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL84053IBZ Datasheet HTML 1Page - Intersil Corporation ISL84053IBZ Datasheet HTML 2Page - Intersil Corporation ISL84053IBZ Datasheet HTML 3Page - Intersil Corporation ISL84053IBZ Datasheet HTML 4Page - Intersil Corporation ISL84053IBZ Datasheet HTML 5Page - Intersil Corporation ISL84053IBZ Datasheet HTML 6Page - Intersil Corporation ISL84053IBZ Datasheet HTML 7Page - Intersil Corporation ISL84053IBZ Datasheet HTML 8Page - Intersil Corporation ISL84053IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL84051, ISL84052, ISL84053
5
FN6047.10
May 16, 2011
Absolute Maximum Ratings
Thermal Information
V+ to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 15V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 15V
V- to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15V to 0.3V
Input Voltages
INH, NO, NC, ADD (Note 5). . . . . . . . . . . . . . . . ((V-) - 0.3) to ((V+) + 0.3V)
Output Voltages
COM (Note 5). . . . . . . . . . . . . . . . . . . . . . . . . . . ((V-) - 0.3) to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . . . . . . ±30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max). . . . . . . . . . . . . . . . . . . . . . . . ±100mA
ESD Rating
Human Body Model (Per MIL-STD-883, Method 3015.7) . . . . . . . . >2kV
Thermal Resistance (Typical, Notes 6, 7)
θJA (°C/W) θJC (°C/W)
16 Ld SOIC Package . . . . . . . . . . . . . . . . . .
75
39
16 Ld QSOP Package. . . . . . . . . . . . . . . . . .
95
56
16 Ld TSSOP Package . . . . . . . . . . . . . . . . .
110
33
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. Signals on NC, NO, COM, ADD, or INH exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current ratings.
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications 5V Supply Test Conditions: VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note
8), Unless Otherwise Specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10)
TYP
MAX
(Notes 9, 10)
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON-Resistance, rON
VS = ±5V, ICOM = 1mA, VNO or VNC = ±3V
(see Figure 5)
+25
-
60
100
Full
-
-
125
rON Matching Between Channels,
ΔrON
VS = ±5V, ICOM = 1mA, VNO or VNC = ±3V (Note 11)
+25
-
-
6
Full
-
-
12
rON Flatness, rFLAT(ON)
VS = ±5V, ICOM = 1mA, VNO or VNC = ±3V, 0V
(Note 12)
+25
-
-
10
Full
-
-
15
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = ±4.5V
(Note 12)
+25
-
0.002
-
nA
Full
-5
-
5
nA
COM OFF Leakage Current, ICOM(OFF),
(ISL84051)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = ±4.5V
(Note 12)
+25
-
0.002
-
nA
Full
-5
-
5
nA
COM OFF Leakage Current, ICOM(OFF),
(ISL84052, ISL84053)
VS = ±5.5V, VCOM = ±4.5V, VNO or VNC = ±4.5V
(Note 12)
+25
-
0.002
-
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current, ICOM(ON),
(ISL84051)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V
(Note 12)
+25
-
0.002
-
nA
Full
-5
-
5
nA
COM ON Leakage Current, ICOM(ON),
(ISL84052, ISL84053)
VS = ±5.5V, VCOM = VNO or VNC = ±4.5V (Note 12)
+25
-
0.002
-
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
2.4
--
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.8
V
Input Current, IINH, IINL, IADDH, IADDL VS = ±5.5V, VINH, VADD = 0V or V+
Full
-1
0.03
1
µA


Similar Part No. - ISL84053IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84053IBZ INTERSIL-ISL84053IBZ Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IBZ INTERSIL-ISL84053IBZ Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84053IBZ RENESAS-ISL84053IBZ Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results

Similar Description - ISL84053IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com