Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ5913BE3 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # SMAJ5913BE3
Description  Silicon 3.0 Watt Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMAJ5913BE3 Datasheet(HTML) 6 Page - Microsemi Corporation

  SMAJ5913BE3 Datasheet HTML 1Page - Microsemi Corporation SMAJ5913BE3 Datasheet HTML 2Page - Microsemi Corporation SMAJ5913BE3 Datasheet HTML 3Page - Microsemi Corporation SMAJ5913BE3 Datasheet HTML 4Page - Microsemi Corporation SMAJ5913BE3 Datasheet HTML 5Page - Microsemi Corporation SMAJ5913BE3 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RF01130, Rev. A (5/13/13)
©2013 Microsemi Corporation
Page 6 of 6
SMAJ5913Be3 – SMAJ5956Be3
PACKAGE DIMENSIONS
NOTES: Dimension “A” is within DO-214BA but higher than DO-214AC standard JEDEC outlines.
Dimension “B” is wider than both JEDEC outlines for lower thermal resistance.
PAD LAYOUT
Dimensions
Ltr
Inch
Millimeters
Min
Max
Min
Max
A
0.075
0.089
1.90
2.25
B
0.050
0.064
1.27
1.63
C
0.004
0.008
0.10
0.20
D
0.006
0.012
0.15
0.31
E
0.031
0.059
0.80
1.50
G
0.189
0.205
4.80
5.20
H
0.157
0.181
4.00
4.60
J
0.095
0.104
2.40
2.65
Ltr
Inch
Millimeters
A
(MAX)
0.074
2.413
B
(MIN)
0.060
1.52
C
(MIN)
0.066
1.68
D
(TYP)
0.208
5.28


Similar Part No. - SMAJ5913BE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMAJ5913B MICROSEMI-SMAJ5913B Datasheet
168Kb / 2P
   SILICON 3.0 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMAJ5913B MCC-SMAJ5913B Datasheet
486Kb / 5P
   1.5 Watt Zener Diode 3.3 to 51 Volts
logo
Galaxy Semi-Conductor H...
SMAJ5913B BILIN-SMAJ5913B Datasheet
153Kb / 4P
   Surface mount zener diode
logo
Shanghai Leiditech Elec...
SMAJ5913B LEIDITECH-SMAJ5913B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
logo
Micro Commercial Compon...
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
More results

Similar Description - SMAJ5913BE3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5913 MCC-SMBJ5913 Datasheet
353Kb / 2P
   Silicon Zener Diode 3.0 Watt
logo
Microsemi Corporation
SMAJ5913B MICROSEMI-SMAJ5913B Datasheet
168Kb / 2P
   SILICON 3.0 WATT ZENER DIODES
logo
Micro Commercial Compon...
1N5913B3P MCC-1N5913B3P_13 Datasheet
519Kb / 5P
   3.0 Watt Zener Diode 3.3to 200 Volts
1N5913B3P MCC-1N5913B3P_18 Datasheet
490Kb / 5P
   3.0 Watt Zener Diode 3.3to 4.7 Volts
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Micro Commercial Compon...
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com