Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38627 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 38627
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

38627 Datasheet(HTML) 4 Page - YAGEO Corporation

  38627 Datasheet HTML 1Page - YAGEO Corporation 38627 Datasheet HTML 2Page - YAGEO Corporation 38627 Datasheet HTML 3Page - YAGEO Corporation 38627 Datasheet HTML 4Page - YAGEO Corporation 38627 Datasheet HTML 5Page - YAGEO Corporation 38627 Datasheet HTML 6Page - YAGEO Corporation 38627 Datasheet HTML 7Page - YAGEO Corporation 38627 Datasheet HTML 8Page - YAGEO Corporation 38627 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Product specification
Chip Resistor Surface Mount
4
10
www.yageo.com
Sep 03, 2004 V.2
SERIES
RC
0805 (Pb Free)
FOOTPRINT AND SOLDERING
PROFILES
For recommended footprint and
soldering profiles, please see the
special data sheet “Chip resistors
mounting”.
ENVIRONMENTAL DATA
For material declaration
information (IMDS-data) of the
products, please see the
separated info “Environmental
data”.
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
RC0805 1/8 W
Operating Temperature Range
–55 °C to +155 °C
Maximum Working Voltage
150 V
Maximum Overload Voltage
300 V
Dielectric Withstanding Voltage
300 V
5% (E24) 1 Ω to 22 MΩ
1% (E96) 1 Ω to 10 MΩ
Resistance Range
Zero Ohm Jumper < 0.05 Ω
10 Ω < R ≤ 10 MΩ
±100 ppm/°C
Temperature Coefficient
R ≤ 10 Ω; R > 10 MΩ
±200 ppm/°C
Rated Current
2.0 A
Jumper Criteria
Maximum Current
5.0 A
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
RC0805
Paper / PE Taping Reel (R)
7" (178 mm)
5,000 units
10" (254 mm) / not preferred
10,000 units
13" (330 mm)
20,000 units
NOTE
1. For Paper/PE tape and reel specification/dimensions, please see the special data sheet “Packing” document.
Table 3 Packing style and packaging quantity
Table 2


Similar Part No. - 38627

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3862 BOURNS-3862 Datasheet
215Kb / 3P
   1/2 Diameter Single-Turn Panel Control
logo
Pomona Electronics
3862 POMONA-3862 Datasheet
23Kb / 1P
   Double Mounting Base For Standard Binding Post
More results

Similar Description - 38627

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com