Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603JR-0756RL Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RC0603JR-0756RL
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0603JR-0756RL Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button RC0603JR-0756RL Datasheet HTML 2Page - YAGEO Corporation RC0603JR-0756RL Datasheet HTML 3Page - YAGEO Corporation RC0603JR-0756RL Datasheet HTML 4Page - YAGEO Corporation RC0603JR-0756RL Datasheet HTML 5Page - YAGEO Corporation RC0603JR-0756RL Datasheet HTML 6Page - YAGEO Corporation RC0603JR-0756RL Datasheet HTML 7Page - YAGEO Corporation RC0603JR-0756RL Datasheet HTML 8Page - YAGEO Corporation RC0603JR-0756RL Datasheet HTML 9Page - YAGEO Corporation RC0603JR-0756RL Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product specification
Chip Resistor Surface Mount
7
10
www.yageo.com
Aug 19, 2004 V.2
SERIES
RC
0603 (Pb Free)
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
At +25/–55 °C and +25/+125 °C
Temperature
Coefficient of
Resistance
(T.C.R.)
MIL-STD-202F-method 304;
JIS C 5202-4.8
Formula:
T.C.R= ------------------------- ×106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Refer to table 2
Thermal Shock
MIL-STD-202F-method 107G;
IEC 60115-1 4.19
At –65 (+0/–10) °C for 2 minutes and at +155
(+10/–0) °C for 2 minutes; 25 cycles
±(0.5%+0.05 Ω) for 1% tol.
±(1.0%+0.05 Ω) for 5% tol.
Low
Temperature
Operation
MIL-R-55342D-Para 4.7.4
At –65 (+0/–5) °C for 1 hour; RCWV applied
for 45 (+5/–0) minutes
±(0.5%+0.05 Ω) for 1% tol .
±(1.0%+0.05 Ω) for 5% tol.
No visible damage
Short Time
Overload
MIL-R-55342D-Para 4.7.5;
IEC 60115-1 4.13
2.5 × RCWV applied for 5 seconds at room
temperature
±(1.0%+0.05 Ω) for 1% tol.
±(2.0%+0.05 Ω) for 5% tol.
No visible damage
Insulation
Resistance
MIL-STD-202F-method 302;
IEC 60115-1 4.6.1.1
RCOV for 1 minute
Type
RC0603
Voltage (DC)
100 V
≥10 GΩ
Dielectric
Withstand
Voltage
MIL-STD-202F-method 301;
IEC 60115-1 4.6.1.1
Maximun voltage (Vrms) applied for 1 minute
Type
RC0603
Voltage (AC)
100 Vrms
No breakdown or flashover
Resistance to
Soldering
Heat
MIL-STD-202F-method 210C;
IEC 60115-1 4.18
Unmounted chips; 260 ±5 °C for 10 ±1
seconds
±(0.5%+0.05 Ω) for 1% tol.
±(1.0%+0.05 Ω) for 5% tol.
No visible damage
Life
MIL-STD-202F-method 108A;
IEC 60115-1 4.25.1
At 70±2 °C for 1,000 hours; RCWV applied for
1.5 hours on and 0.5 hour off
±(1%+0.05 Ω) for 1% tol.
±(3%+0.05 Ω) for 5% tol.
R2–R1
R1(t2–t1)
Table 4 Test condition, procedure and requirements


Similar Part No. - RC0603JR-0756RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603JR-07560KL YAGEO-RC0603JR-07560KL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
Infineon Technologies A...
RC0603JR-0756KL INFINEON-RC0603JR-0756KL Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results

Similar Description - RC0603JR-0756RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0075BR-0797R6L YAGEO-RC0075BR-0797R6L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com