Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4095 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4095
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4095 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4095 Datasheet HTML 1Page - Renesas Technology Corp 2SC4095 Datasheet HTML 2Page - Renesas Technology Corp 2SC4095 Datasheet HTML 3Page - Renesas Technology Corp 2SC4095 Datasheet HTML 4Page - Renesas Technology Corp 2SC4095 Datasheet HTML 5Page - Renesas Technology Corp 2SC4095 Datasheet HTML 6Page - Renesas Technology Corp 2SC4095 Datasheet HTML 7Page - Renesas Technology Corp 2SC4095 Datasheet HTML 8Page - Renesas Technology Corp 2SC4095 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3
2SC4095
0
2
1
5
4
3
7
6
0.5
1
5
10
50 70
IC-Collector Current-mA
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
f = 2.0 GHz
S-PARAMETER
VCE = 6.0 V, IC = 3.0 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.870
0.747
0.628
0.516
0.400
0.327
0.262
0.231
0.205
0.196
24.2
44.6
59.8
75.1
87.7
103.4
118.7
135.5
155.3
170.6
9.193
7.780
7.058
5.675
5.180
4.269
3.950
3.406
3.290
2.867
155.6
136.6
122.1
109.4
99.6
89.8
81.7
74.0
66.4
60.8
0.031
0.040
0.064
0.066
0.090
0.084
0.106
0.105
0.126
0.124
53.6
66.2
54.7
56.0
49.4
47.9
48.5
42.1
46.4
40.9
0.946
0.876
0.816
0.743
0.689
0.654
0.604
0.581
0.548
0.529
12.8
20.7
26.4
30.9
33.0
35.7
37.7
41.5
43.9
47.1
VCE 6.0 V, IC = 10.0 mA, ZO = 50

f (MHz)
S11 S11
S21 S21
S12 S12
S22 S22
200
400
600
800
1000
1200
1400
1600
1800
2000
0.671
0.458
0.319
.0239
0.172
0.149
0.131
0.132
0.150
0.163
43.5
68.7
83.7
101.9
119.3
141.4
163.0
179.6
160.0
150.1
18.685
12.702
9.895
7.275
6.261
5.038
4.597
3.927
3.743
3.233
137.9
115.2
102.8
92.3
85.1
77.4
71.0
64.8
58.8
54.5
0.023
0.029
0.046
0.049
0.067
0.070
0.088
0.094
0.113
0.115
52.1
62.2
54.4
63.1
58.6
57.9
56.1
54.0
55.3
50.0
0.832
0.710
0.649
0.600
0.578
0.559
0.527
0.514
0.494
0.478
19.0
23.9
26.0
27.5
28.4
30.3
32.5
35.7
38.1
41.6


Similar Part No. - 2SC4095

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
California Eastern Labs
2SC4095 CEL-2SC4095 Datasheet
1Mb / 6P
   MICROWAVE LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
2SC4095 RENESAS-2SC4095_15 Datasheet
329Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results

Similar Description - 2SC4095

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
logo
NEC
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com