Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1210JK-07L Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RL1210JK-07L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL1210JK-07L Datasheet(HTML) 4 Page - YAGEO Corporation

  RL1210JK-07L Datasheet HTML 1Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 2Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 3Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 4Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 5Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 6Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 7Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 8Page - YAGEO Corporation RL1210JK-07L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
4
9
SERIES
RL
0402 to 2512
MARKING
RL0805 / RL1206 / RL1210 /RL1218 / RL2010 / RL2512
E-24 series / Non-series (R= 25/40/50/60/250/400/500 mΩ): 4 digits
The “R” is used as a decimal point; the other 3 digits are significant.
RL0603: R≥100 mX IN E-24 SERIES, R = 10/20/30/40/50/60 mΩ
3 digits
The “R” is used as a decimal point; the other 2 digits are significant.
RL0402 / RL0603: R<100 mX EXCEPT 10/20/30/40/50/60 mΩ
No marking
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 1
Value = 20 mΩ
YNSC005
020
Fig. 2 Value = 22 mΩ
YNSC006
Fig. 3
ynsc007
protective coat
marking layer
resistive layer
inner electrode
termination (Ni / matte tin)
ceramic substrate
H
I2
YNSC064
W
L
I1
Fig. 4 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
CONSTRUCTION
The resistors are constructed out of a high-grade ceramic
body. Internal metal electrodes are added at each end and
connected by a resistive paste. The composition of the
paste is adjusted to give the approximate required
resistance and laser cutting of this resistive layer that
achieves tolerance trims the value. The resistive layer is
covered with a protective coat and printed with the
resistance value. Finally, the two external terminations
(matte tin) are added. See fig. 4.
DIMENSIONS
TYPE
L (mm) W (mm)
H (mm)
I1 (mm)
I2 (mm)
RL0402 1.00 ±0.10 0.50 ±0.05 0.35 ±0.05 0.20 ±0.10 0.25 ±0.10
RL0603 1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ±0.15 0.25 ±0.15
RL0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20
RL1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20
RL1210 3.10 ±0.10 2.60 ±0.15 0.55 ±0.10 0.50 ±0.20 0.50 ±0.20
RL1218 3.05 ±0.15 4.60 ±0.20 0.55 ±0.10 0.45 ±0.25 0.50 ±0.25
RL2010 5.00 ±0.10 2.50 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20
RL2512 6.35 ±0.10 3.20 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20
Table 1 For outlines see fig. 4


Similar Part No. - RL1210JK-07L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL1210JK-070R105L YAGEO-RL1210JK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210JK-070R12L YAGEO-RL1210JK-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210JK-070R1L YAGEO-RL1210JK-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210JK-07100RL YAGEO-RL1210JK-07100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210JK-0710RL YAGEO-RL1210JK-0710RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL1210JK-07L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0402FR-070R1L YAGEO-RL0402FR-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com