Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-484WC1F-W6-3K Datasheet(PDF) 8 Page - Lucky Light Electronic

Part # LL-484WC1F-W6-3K
Description  4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-484WC1F-W6-3K Datasheet(HTML) 8 Page - Lucky Light Electronic

  LL-484WC1F-W6-3K Datasheet HTML 1Page - Lucky Light Electronic LL-484WC1F-W6-3K Datasheet HTML 2Page - Lucky Light Electronic LL-484WC1F-W6-3K Datasheet HTML 3Page - Lucky Light Electronic LL-484WC1F-W6-3K Datasheet HTML 4Page - Lucky Light Electronic LL-484WC1F-W6-3K Datasheet HTML 5Page - Lucky Light Electronic LL-484WC1F-W6-3K Datasheet HTML 6Page - Lucky Light Electronic LL-484WC1F-W6-3K Datasheet HTML 7Page - Lucky Light Electronic LL-484WC1F-W6-3K Datasheet HTML 8Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Luckylight
Spec No.: A037 X440
Rev No.: V.2
Date: Jul/17/2009
Page: 8 OF 8
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylight.cn
Please read the following notes before using the datasheets:
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big current change
(Burn out will happen).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
3. Soldering Condition
3.1 Pb-free solder temperature profile.
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 260℃ for 5 seconds within once in
less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each
terminal. Be careful because the damage of the product is often started at the time of the hand sold
er.
5. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head
soldering iron should be used (as below figure). It should be confirmed beforehand whether the
characteristics of the LEDs will or will not be damaged by repairing.
6. Caution in ESD
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic glove
when handling the LED. All devices equipment and machinery must be properly grounded.


Similar Part No. - LL-484WC1F-W6-3K

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-484WC1F-W6-3K LUCKY-LIGHT-LL-484WC1F-W6-3K Datasheet
256Kb / 8P
   White LED
LL-484WC1F-W6-3K LUCKY-LIGHT-LL-484WC1F-W6-3K_15 Datasheet
256Kb / 8P
   White LED
More results

Similar Description - LL-484WC1F-W6-3K

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-484WC1F-W5-3K LUCKY-LIGHT-LL-484WC1F-W5-3K Datasheet
227Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WM1F-W5-1J LUCKY-LIGHT-LL-484WM1F-W5-1J Datasheet
226Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W2-3K LUCKY-LIGHT-LL-484WC1F-W2-3K Datasheet
226Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J Datasheet
205Kb / 7P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484WC1F-W2-1J LUCKY-LIGHT-LL-484WC1F-W2-1J Datasheet
226Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
LL-484BC1C-B4-1G LUCKY-LIGHT-LL-484BC1C-B4-1G Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Blue LED Technical Data Sheet
LL-484BC1C-B4-2G LUCKY-LIGHT-LL-484BC1C-B4-2G Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Blue LED Technical Data Sheet
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Blue LED Technical Data Sheet
LL-483VC1C-V1-2B LUCKY-LIGHT-LL-483VC1C-V1-2B Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Ultra Red LED Technical Data Sheet
LL-483VC1C-V1-3B LUCKY-LIGHT-LL-483VC1C-V1-3B Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Ultra Red LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com