Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D500RFIUT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D500RFIUT
Description  12-Bit, 1.6/1.0 GSPS RF Sampling ADC
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D500RFIUT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12D500RFIUT Datasheet HTML 3Page - Texas Instruments ADC12D500RFIUT Datasheet HTML 4Page - Texas Instruments ADC12D500RFIUT Datasheet HTML 5Page - Texas Instruments ADC12D500RFIUT Datasheet HTML 6Page - Texas Instruments ADC12D500RFIUT Datasheet HTML 7Page - Texas Instruments ADC12D500RFIUT Datasheet HTML 8Page - Texas Instruments ADC12D500RFIUT Datasheet HTML 9Page - Texas Instruments ADC12D500RFIUT Datasheet HTML 10Page - Texas Instruments ADC12D500RFIUT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
ADC12D500RF, ADC12D800RF
www.ti.com
SNAS502E – JULY 2011 – REVISED MARCH 2013
ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
Check for Samples: ADC12D500RF, ADC12D800RF
1
Introduction
1.1
Features
12
• Excellent Noise and Linearity up to and Above
• Key Specifications
fIN = 2.7 GHz
– Resolution 12 Bits
• Configurable to Either 1.6/1.0 GSPS Interleaved
– Interleaved 1.6/1.0 GSPS ADC
or 800/500 MSPS Dual ADC
IMD3 (Fin = 2.7GHz @ -13dBFS): -63/-61
• New DESCLKIQ Mode for High Bandwidth, High
dBc (typ)
Sampling Rate Apps
IMD3 (Fin = 2.7GHz @ -16dBFS): -71/-69
• Pin-Compatible with ADC1xD1x00
dBc (typ)
• AutoSync Feature for Multi-Chip
Noise Floor: -152.2/-150.5 dBm/Hz (typ)
Synchronization
Noise Power Ratio: 50.4/50.7 dB (typ)
• Internally Terminated, Buffered, Differential
Power: 2.50/2.02 W (typ)
Analog Inputs
– Dual 800/500 MSPS ADC, Fin = 498 MHz
• Interleaved Timing Automatic and Manual Skew
ENOB: 9.5/9.6 Bits (typ)
Adjust
SNR: 59.7/59.7 dB (typ)
• Test Patterns at Output for System Debug
SFDR: 71.2/72 dBc (typ)
• Time Stamp Feature to Capture External
Power per Channel: 1.25/1.01 W (typ)
Trigger
• Programmable Gain, Offset, and tAD Adjust
Feature
• 1:1 Non-Demuxed or 1:2 Demuxed LVDS
Outputs
1.2
Applications
3G/4G Wireless Basestation
SIGINT
Receive Path
RADAR / LIDAR
DPD Path
Wideband Communications
Wideband Microwave Backhaul
Consumer RF
RF Sampling Software Defined Radio
Test and Measurement
Military Communications
1.3
Description
The 12-bit 1.6/1.0 GSPS ADC12D800/500RF is an RF-sampling GSPS ADC that can directly sample input
frequencies up to and above 2.7 GHz. The ADC12D800/500RF augments the very large Nyquist zone of
TI’s GSPS ADCs with excellent noise and linearity performance at RF frequencies, extending its usable
range beyond the 7th Nyquist zone
The ADC12D800/500RF provides a flexible LVDS interface which has multiple SPI programmable options
to facilitate board design and FPGA/ASIC data capture. The LVDS outputs are compatible with IEEE
1596.3-1996 and supports programmable common mode voltage. The product is packaged in a lead-free
292-ball thermally enhanced BGA package over the rated industrial temperature range of -40°C to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - ADC12D500RFIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D500RF TI1-ADC12D500RF Datasheet
2Mb / 74P
[Old version datasheet]   ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
More results

Similar Description - ADC12D500RFIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D500RF TI1-ADC12D500RF Datasheet
2Mb / 74P
[Old version datasheet]   ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9082 AD-AD9082 Datasheet
717Kb / 33P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
logo
Texas Instruments
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com