Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1217IPFBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1217IPFBT
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1217IPFBT Datasheet(HTML) 2 Page - Texas Instruments

  ADS1217IPFBT Datasheet HTML 1Page - Texas Instruments ADS1217IPFBT Datasheet HTML 2Page - Texas Instruments ADS1217IPFBT Datasheet HTML 3Page - Texas Instruments ADS1217IPFBT Datasheet HTML 4Page - Texas Instruments ADS1217IPFBT Datasheet HTML 5Page - Texas Instruments ADS1217IPFBT Datasheet HTML 6Page - Texas Instruments ADS1217IPFBT Datasheet HTML 7Page - Texas Instruments ADS1217IPFBT Datasheet HTML 8Page - Texas Instruments ADS1217IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ADS1217
2
SBAS260C
www.ti.com
ELECTRICAL CHARACTERISTICS: AVDD = 5V
All specifications at –40
°C to +85°C, AV
DD = +5V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 150kΩ, fDATA = 10Hz, and VREF = +2.5V,
unless otherwise specified.
AVDD to AGND ...................................................................... –0.3V to +6V
DVDD to DGND ...................................................................... –0.3V to +6V
Input Current ............................................................... 100mA, Momentary
Input Current ................................................................. 10mA, Continuous
AIN ................................................................... GND –0.5V to AVDD + 0.5V
AVDD to DVDD ........................................................................... –6V to +6V
AGND to DGND ................................................................. –0.3V to +0.3V
Digital Input Voltage to GND .................................... –0.3V to DVDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to DVDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ......................................... –40
°C to +85°C
Storage Temperature Range .......................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS1217
TQFP-48
PFB
–40
°C to +85°C
ADS1217
ADS1217IPFBT
Tape and Reel, 250
"
"""
"
ADS1217IPFBR
Tape and Reel, 2000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see the TI website at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ADS1217
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0 – AIN7, AINCOM)
Full-Scale Input Voltage
(AIN+) – (AIN–)
±2V
REF /PGA
V
Analog Input Voltage
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 0.05
AVDD – 1.5
V
Differential Input Impedance
Buffer OFF
10/PGA
M
Input Current
Buffer ON
0.5
nA
Bandwidth
Fast Settling Filter
–3dB
0.469fDATA
Hz
Sinc2 Filter
–3dB
0.318fDATA
Hz
Sinc3 Filter
–3dB
0.262fDATA
Hz
Programmable Gain Amplifier
User Selectable Gain Ranges
1
128
Burnout Current Sources
2
µA
OFFSET DAC
Offset DAC Range
±V
REF /(PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1%
Offset DAC Gain Error Drift
1
ppm/
°C
SYSTEM PERFORMANCE
Resolution
24
Bits
No Missing Codes
Sinc3 Filter
24
Bits
Integral Nonlinearity
End Point Fit, Differential Input,
0.0003
0.0012
% of FSR(1)
Buffer Off
Offset Error
Before Calibration
7.5
ppm of FSR
Offset Drift
0.02
ppm of FSR/
°C
Gain Error
After Calibration
0.005
%
Gain Error Drift
0.5
ppm/
°C
Common-Mode Rejection
at DC
100
dB
fCM = 60Hz, fDATA = 10Hz
130
dB
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
fSIG = 60Hz, fDATA = 60Hz
100
dB
Output Noise
See Typical Characteristics
Power-Supply Rejection
at DC, dB = –20log(
∆V
OUT /∆VDD)
(2)
80
95
dB
NOTES: (1) FSR is Full-Scale Range. (2)
∆V
OUT is change in digital result. (3) 12pF switched capacitor at fSAMP clock frequency.


Similar Part No. - ADS1217IPFBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1217IPFBT BURR-BROWN-ADS1217IPFBT Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1217IPFBT TI1-ADS1217IPFBT Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBTG4 TI1-ADS1217IPFBTG4 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1217IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com