Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-503GD2E-1A Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-503GD2E-1A
Description  5mm Round With Flange Type Yellow Green LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-503GD2E-1A Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-503GD2E-1A Datasheet HTML 1Page - Lucky Light Electronic LL-503GD2E-1A Datasheet HTML 2Page - Lucky Light Electronic LL-503GD2E-1A Datasheet HTML 3Page - Lucky Light Electronic LL-503GD2E-1A Datasheet HTML 4Page - Lucky Light Electronic LL-503GD2E-1A Datasheet HTML 5Page - Lucky Light Electronic LL-503GD2E-1A Datasheet HTML 6Page - Lucky Light Electronic LL-503GD2E-1A Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No: B508 X285
Rev No: V.2
Date: Jun/16/2009
Page: 2 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Features:
Descriptions:
Applications:
Choice of various color.
Available on tape and reel.
Reliable and robust.
The product itself will remain within RoHS compliant Version.
The series is specially designed for applications requiring higher brightness.
The LED lamps are available with different colors, intensities.
TV set.
Monitor.
Telephone.
Computer.
Circuit board.
Status indicators.
Commercial use.
Advertising Signs.
Back lighting.


Similar Part No. - LL-503GD2E-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503GD2E-1A LUCKY-LIGHT-LL-503GD2E-1A Datasheet
138Kb / 7P
   Yellow Green LED
LL-503GD2E-1A LUCKY-LIGHT-LL-503GD2E-1A_15 Datasheet
138Kb / 7P
   Yellow Green LED
More results

Similar Description - LL-503GD2E-1A

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503UYC2E-Y2-3AC LUCKY-LIGHT-LL-503UYC2E-Y2-3AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2E-Y2-4GC LUCKY-LIGHT-LL-503UYC2E-Y2-4GC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2E-Y2-TSC LUCKY-LIGHT-LL-503UYC2E-Y2-TSC Datasheet
137Kb / 7P
   5mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-503UYC2E-Y2-2BC LUCKY-LIGHT-LL-503UYC2E-Y2-2BC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
LL-403GD2B-1A LUCKY-LIGHT-LL-403GD2B-1A Datasheet
138Kb / 7P
   4mm Round With Flange Type Yellow Green LED Technical Data Sheet
LL-803GD2C-1A LUCKY-LIGHT-LL-803GD2C-1A Datasheet
141Kb / 7P
   8mm Round With Flange Type Yellow Green LED Technical Data Sheet
LL-1003GD2R-1A LUCKY-LIGHT-LL-1003GD2R-1A Datasheet
138Kb / 7P
   10mm Round With Flange Type Yellow Green LED Technical Data Sheet
LL-403YD2B-2Y LUCKY-LIGHT-LL-403YD2B-2Y Datasheet
139Kb / 7P
   4mm Round With Flange Type Yellow LED Technical Data Sheet
LL-803YD2C-2Y LUCKY-LIGHT-LL-803YD2C-2Y Datasheet
141Kb / 7P
   8mm Round With Flange Type Yellow LED Technical Data Sheet
LL-1003YD2R-2Y LUCKY-LIGHT-LL-1003YD2R-2Y Datasheet
138Kb / 7P
   10mm Round With Flange Type Yellow LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com