Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDH8502P Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NDH8502P
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDH8502P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NDH8502P Datasheet HTML 1Page - Fairchild Semiconductor NDH8502P Datasheet HTML 2Page - Fairchild Semiconductor NDH8502P Datasheet HTML 3Page - Fairchild Semiconductor NDH8502P Datasheet HTML 4Page - Fairchild Semiconductor NDH8502P Datasheet HTML 5Page - Fairchild Semiconductor NDH8502P Datasheet HTML 6Page - Fairchild Semiconductor NDH8502P Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NDH8502P Rev.C
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Gate
Voltage and Drain Current.
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with Drain
Current and Temperature.
Figure 5. Transfer Characteristics.
Figure 6. Gate Threshold Variation with
Temperature.
-5
-4
-3
-2
-1
0
-10
-8
-6
-4
-2
0
V
, DRAIN-SOURCE VOLTAGE (V)
DS
-4.0
-4.5
-3.5
-5.0
-3.0
-6.0
V
= -10V
GS
-10
-8
-6
-4
-2
0
0.5
1
1.5
2
2.5
3
I
, DRAIN CURRENT (A)
D
-5.5
-4.5
-4.0
-5.0
-6.0
-10
V
= -3.5V
GS
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -10V
GS
I
= -2.2A
D
-6
-5
-4
-3
-2
-1
-10
-8
-6
-4
-2
0
V
, GATE TO SOURCE VOLTAGE (V)
V
= -10V
DS
GS
T
= -55°C
J
125°C
25°C
-50
-25
0
25
50
75
100
125
150
0.7
0.8
0.9
1
1.1
1.2
T , JUNCTION TEMPERATURE (°C)
J
I
= -250µA
D
V
= V
GS
DS
-10
-8
-6
-4
-2
0
0.3
0.6
0.9
1.2
1.5
1.8
I
, DRAIN CURRENT (A)
D
V
= -10V
GS
T = 125°C
J
25°C
-55°C


Similar Part No. - NDH8502P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8503N FAIRCHILD-NDH8503N Datasheet
70Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
NDH8504P FAIRCHILD-NDH8504P Datasheet
210Kb / 10P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - NDH8502P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com