Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IRTCTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IRTCTG4
Description  16-Channel, 24-Bit Analog-to-Digital Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IRTCTG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1258IRTCTG4 Datasheet HTML 1Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 2Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 3Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 4Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 5Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 6Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 7Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 8Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
ADS1258
SBAS297G
– JUNE 2005 – REVISED MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = –40°C to +105°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = +3.3V, VREF = +4.096V, VREFN = –2.5V,
fCLK = 16MHz (external clock) or fCLK = 15.729MHz (internal clock), and OPA227 buffer between MUX outputs and ADC
inputs, unless otherwise noted.
ADS1258
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
VIH
0.7DVDD
DVDD
V
VIL
DGND
0.3DVDD
V
Logic Levels
VOH
IOH = 2mA
0.8DVDD
DVDD
V
VOL
IOL = 2mA
DGND
0.2DVDD
V
Input Leakage
VIN = DVDD, GND
10
μA
Frequency
0.1
16
MHz
Master Clock Input (CLKIO)
Duty Cycle
40
60
%
Crystal Frequency
32.768
kHz
Clock Output Frequency
15.729
MHz
Crystal Oscillator
(see Crystal Oscillator section)
Start-Up Time (Clock Output Valid)
150
mS
Clock Output Duty Cycle
40
60
%
POWER SUPPLY
DVDD
2.7
5.25
V
AVSS
–2.6
0
V
AVDD
AVSS + 4.75
AVSS + 5.25
V
External Clock
0.25
0.6
mA
Operation
Internal Oscillator
Operation, Clock
0.04
mA
Output Disabled
DVDD Supply Current
Internal Oscillator
Operation, Clock
1.4
mA
Output Enabled(6)
Power-Down(7)
1
25
µA
Converting
8.2
12
mA
Standby
5.6
mA
AVDD, AVSS Supply Current
Sleep
2.1
mA
Power-Down
2
85
µA
Converting
42
62
mW
Standby
29
mW
Power Dissipation
Sleep
11
mW
Power-Down
14
μW
(6)
CLKIO load = 20pF.
(7)
No clock applied to CLKIO.
4
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258


Similar Part No. - ADS1258IRTCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258IRTCT TI-ADS1258IRTCT Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1258IRTCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com