Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IRTCTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IRTCTG4
Description  16-Channel, 24-Bit Analog-to-Digital Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IRTCTG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1258IRTCTG4 Datasheet HTML 1Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 2Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 3Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 4Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 5Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 6Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 7Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 8Page - Texas Instruments ADS1258IRTCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
36
35
34
33
32
31
30
29
28
27
26
25
AIN12
AIN13
AIN14
AIN15
AINCOM
VR EFP
VR EFN
DGND
DV DD
CS
START
DRDY
1
2
3
4
5
6
7
8
9
10
11
12
AIN3
AIN2
AIN1
AIN0
AV SS
AVD D
PLLC AP
XTAL1
XTAL2
PWDN
RESET
CL KSEL
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
ADS1258
ADS1258
www.ti.com
SBAS297G
– JUNE 2005 – REVISED MARCH 2011
PIN CONFIGURATION
RTC PACKAGE
QFN-48
(TOP VIEW)
PIN ASSIGNMENTS
ANALOG/DIGITAL
PIN #
NAME
INPUT/OUTPUT
DESCRIPTION
1
AIN3
Analog Input
Analog Input 3: Single-Ended Channel 3, Differential Channel 1 (
–)
2
AIN2
Analog Input
Analog Input 2: Single-Ended Channel 2, Differential Channel 1 (+)
3
AIN1
Analog Input
Analog Input 1: Single-Ended Channel 1, Differential Channel 0 (
–)
4
AIN0
Analog Input
Analog Input 0: Single-Ended Channel 0, Differential Channel 0 (+)
Negative Analog Power Supply: 0V for unipolar operation,
–2.5V for bipolar operation.
5
AVSS
Analog
(Internally connected to exposed thermal pad of QFN package.)
6
AVDD
Analog
Positive Analog Power Supply: +5V for unipolar operation, +2.5V for bipolar operation.
7
PLLCAP
Analog
PLL Bypass Capacitor: Connect 22nF capacitor to AVSS when using crystal oscillator.
8
XTAL1
Analog
32.768kHz Crystal Oscillator Input 1; see Crystal Oscillator section.
9
XTAL2
Analog
32.768kHz Crystal Oscillator Input 2; see Crystal Oscillator section.
10
PWDN
Digital Input
Power-Down Input: Hold low for minimum of two fCLK cycles to engage low-power mode.
11
RESET
Digital Input
Reset Input: Hold low for minimum of two fCLK cycles to reset the device.
Clock Select Input: Low = Activates Crystal Oscillator, fCLK output on CLKIO.
12
CLKSEL
Digital Input
High = Disables Crystal Oscillator, apply fCLK to CLKIO.
13
CLKIO
Digital I/O
System Clock Input/Output (See CLKSEL pin.)
14
GPIO0
Digital I/O
General-Purpose Digital Input/Output 0
15
GPIO1
Digital I/O
General-Purpose Digital Input/Output 1
16
GPIO2
Digital I/O
General-Purpose Digital Input/Output 2
17
GPIO3
Digital I/O
General-Purpose Digital Input/Output 3
18
GPIO4
Digital I/O
General-Purpose Digital Input/Output 4
19
GPIO5
Digital I/O
General-Purpose Digital Input/Output 5
Copyright
© 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1258


Similar Part No. - ADS1258IRTCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258IRTCT TI-ADS1258IRTCT Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1258IRTCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com