Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IRTCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IRTCR
Description  16-Channel, 24-Bit Analog-to-Digital Converter
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IRTCR Datasheet(HTML) 1 Page - Texas Instruments

  ADS1258IRTCR Datasheet HTML 1Page - Texas Instruments ADS1258IRTCR Datasheet HTML 2Page - Texas Instruments ADS1258IRTCR Datasheet HTML 3Page - Texas Instruments ADS1258IRTCR Datasheet HTML 4Page - Texas Instruments ADS1258IRTCR Datasheet HTML 5Page - Texas Instruments ADS1258IRTCR Datasheet HTML 6Page - Texas Instruments ADS1258IRTCR Datasheet HTML 7Page - Texas Instruments ADS1258IRTCR Datasheet HTML 8Page - Texas Instruments ADS1258IRTCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
ADS1258
24−Bit
ADC
Digital
Filter
Internal
Monitoring
16:1
Analog
Input
MUX
1
16
AINCOM
ADC
IN
Extclk
In/Out
AVSS
DGND
32.768kHz
AVDD
DVDD
MUX
OUT
SPI
Interface
CS
DRDY
SCLK
DIN
DOUT
Control
Oscillator
GPIO
START
RESET
PWDN
GPIO[7:0]
V
REF
ADS1258
Analog Inputs
ADS1258
www.ti.com
SBAS297G
– JUNE 2005 – REVISED MARCH 2011
16-Channel, 24-Bit Analog-to-Digital Converter
Check for Samples: ADS1258
1
FEATURES
DESCRIPTION
The
ADS1258
is
a
16-channel
(multiplexed),
23
24 Bits, No Missing Codes
low-noise, 24-bit, delta-sigma (
ΔΣ) analog-to-digital
Fixed-Channel or Automatic Channel Scan
converter (ADC) that provides single-cycle settled
Fixed-Channel Data Rate: 125kSPS
data at channel scan rates from 1.8k to 23.7k
samples per second (SPS) per channel. A flexible
Auto-Scan Data Rate: 23.7kSPS/Channel
input
multiplexer
accepts
combinations
of
eight
Single-Conversion Settled Data
differential or 16 single-ended inputs with a full-scale
16 Single-Ended or 8 Differential Inputs
differential range of 5V or true bipolar range of
±2.5V
when operating with a 5V reference. The fourth-order
Unipolar (+5V) or Bipolar (
±2.5V) Operation
delta-sigma modulator is followed by a fifth-order sinc
Low Noise: 2.8
μVRMS at 1.8kSPS
digital filter optimized for low-noise performance.
0.0003% Integral Nonlinearity
The differential output of the multiplexer is accessible
DC Stability (typical):
to allow signal conditioning prior to the input of the
0.02
μV/°C Offset Drift, 0.4ppm/°C Gain Drift
ADC.
Internal
system
monitor
registers
provide
Open-Sensor Detection
supply voltage, temperature, reference voltage, gain,
and offset data.
Conversion Control Pin
Multiplexer Output for External Signal
An onboard PLL generates the system clock from a
32.768kHz crystal, or can be overridden by an
Conditioning
external clock source. A buffered system clock output
On-Chip Temperature, Reference, Offset, Gain,
(15.7MHz) is provided to drive a microcontroller or
and Supply Voltage Readback
additional converters.
42mW Power Dissipation
Serial digital communication is handled via an SPI
Standby, Sleep, and Power-Down Modes
-compatible interface. A simple command word
8 General-Purpose Inputs/Outputs (GPIO)
structure controls channel configuration, data rates,
digital I/O, monitor functions, etc.
32.768kHz Crystal Oscillator or External Clock
Programmable sensor bias current sources can be
APPLICATIONS
used to bias sensors or verify sensor integrity.
Medical, Avionics, and Process Control
The ADS1258 operates from a unipolar +5V or
Machine and System Monitoring
bipolar
±2.5V analog supply and a digital supply
compatible with interfaces ranging from 2.7V to
Fast Scan Multi-Channel Instrumentation
5.25V. The ADS1258 is available in a QFN-48
Industrial Systems
package.
Test and Measurement Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1258IRTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258IRTCR TI-ADS1258IRTCR Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1258IRTCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com