Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536ATPAPTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536ATPAPTQ1
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536ATPAPTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ76PL536ATPAPTQ1 Datasheet HTML 6Page - Texas Instruments BQ76PL536ATPAPTQ1 Datasheet HTML 7Page - Texas Instruments BQ76PL536ATPAPTQ1 Datasheet HTML 8Page - Texas Instruments BQ76PL536ATPAPTQ1 Datasheet HTML 9Page - Texas Instruments BQ76PL536ATPAPTQ1 Datasheet HTML 10Page - Texas Instruments BQ76PL536ATPAPTQ1 Datasheet HTML 11Page - Texas Instruments BQ76PL536ATPAPTQ1 Datasheet HTML 12Page - Texas Instruments BQ76PL536ATPAPTQ1 Datasheet HTML 13Page - Texas Instruments BQ76PL536ATPAPTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
bq76PL536A-Q1
SLUSAM3
– MAY 2011
www.ti.com
TSn Measurement (continued)
Typical values stated where TA = 25°C and VBAT = 20V, Min/Max values stated where TA = –40˚C to 105°C and VBAT = 7.2V
to 27V (unless otherwise noted), FUNCTION_CONFIG[]=01xxxx00b for all Test Conditions
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
14 bits, REG50 = 5 V,
VRES
Voltage resolution,(2)
~153
µV
(Resolution
≈ VREG50/2
15)
VACC
Ratio accuracy, % of input(2)
0.25 V
≤ VIN ≤ 2.4 V
–0.7%
±0.2%
0.7%
CIN
Input capacitance
Converting
40
pF
RIN
Effective input resistance
Converting
50
k
Ω
EN
Noise
<150
µVRMS
(2)
See text for specific conversion formula.
THERMAL SHUTDOWN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD
Shutdown threshold
VBAT = 20 V
125
142
156
°C
THYS
Recovery hysteresis
8
25
°C
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): bq76PL536A-Q1


Similar Part No. - BQ76PL536ATPAPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq76PL536ATPAPQ1 TI1-bq76PL536ATPAPQ1 Datasheet
644Kb / 55P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
bq76PL536ATPAPQ1 TI-bq76PL536ATPAPQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
More results

Similar Description - BQ76PL536ATPAPTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL536TPAPRQ1 TI1-BQ76PL536TPAPRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV
BQ76PL536-Q1 TI1-BQ76PL536-Q1 Datasheet
957Kb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
MAY2011
BQ76PL536A-Q1 TI1-BQ76PL536A-Q1 Datasheet
644Kb / 55P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536 TI-BQ76PL536 Datasheet
1Mb / 58P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
[Old version datasheet]   3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
logo
Sanyo Semicon Device
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
   2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
   2-Cell Lithium-Ion Secondary Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com