Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDH8504P Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NDH8504P
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDH8504P Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NDH8504P Datasheet HTML 2Page - Fairchild Semiconductor NDH8504P Datasheet HTML 3Page - Fairchild Semiconductor NDH8504P Datasheet HTML 4Page - Fairchild Semiconductor NDH8504P Datasheet HTML 5Page - Fairchild Semiconductor NDH8504P Datasheet HTML 6Page - Fairchild Semiconductor NDH8504P Datasheet HTML 7Page - Fairchild Semiconductor NDH8504P Datasheet HTML 8Page - Fairchild Semiconductor NDH8504P Datasheet HTML 9Page - Fairchild Semiconductor NDH8504P Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NDH8504P Rev.C
Figure 14. Maximum Safe Operating Area.
Typical Electrical and Thermal Characteristics
Figure 15. Transient Thermal Response Curve
.
Note:
Thermal characterization performed using the conditions described in note1 .Transient thermal response will change
depending on the circuit board design.
Figure 13. Transconductance Variation with Drain
Current and Temperature.
-15
-12
-9
-6
-3
0
0
3
6
9
12
I , DRAIN CURRENT (A)
T = -55°C
J
25°C
D
V
= -10V
DS
125°C
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.01
0.1
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= See Note 1
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= See Note 1
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
0.1
0.2
0.5
1
2
5
10
20
30
0.01
0.05
0.1
0.5
1
2
5
10
15
- V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DC
DS
1s
100ms
10ms
1ms
10s
V
= -10V
SINGLE PULSE
R
= See Note 1
T
= 25°C
θJA
GS
A


Similar Part No. - NDH8504P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8502P FAIRCHILD-NDH8502P Datasheet
72Kb / 7P
   Dual P-Channel Enhancement Mode Field Effect Transistor
NDH8503N FAIRCHILD-NDH8503N Datasheet
70Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - NDH8504P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4813 AOSMD-AO4813 Datasheet
185Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4817 AOSMD-AO4817 Datasheet
107Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4821 AOSMD-AO4821 Datasheet
116Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO8801 AOSMD-AO8801 Datasheet
109Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP2004VK DIODES-DMP2004VK Datasheet
147Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSD DIODES-DMP3056LSD Datasheet
178Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
AO7801 ETC-AO7801 Datasheet
537Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com