Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24172RGYT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24172RGYT
Description  1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24172RGYT Datasheet(HTML) 3 Page - Texas Instruments

  BQ24172RGYT Datasheet HTML 1Page - Texas Instruments BQ24172RGYT Datasheet HTML 2Page - Texas Instruments BQ24172RGYT Datasheet HTML 3Page - Texas Instruments BQ24172RGYT Datasheet HTML 4Page - Texas Instruments BQ24172RGYT Datasheet HTML 5Page - Texas Instruments BQ24172RGYT Datasheet HTML 6Page - Texas Instruments BQ24172RGYT Datasheet HTML 7Page - Texas Instruments BQ24172RGYT Datasheet HTML 8Page - Texas Instruments BQ24172RGYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ISET
CHG
SR
V
I
=
20
R
´
ACSET
DPM
AC
V
I
=
20
R
´
bq24170
bq24172
www.ti.com
SLUSAD2B
– NOVEMBER 2010 – REVISED APRIL 2011
PIN FUNCTIONS (continued)
PIN
TYPE
DESCRIPTION
NO.
NAME
11
TTC
I
Safety Timer and termination control. Connect a capacitor from this node to AGND to set the fast charge
safety timer(5.6min/nF). Pre-charge timer is internally fixed to 30 minutes. Pull the TTC to LOW to disable
the charge termination and safety timer. Pull the TTC to HIGH to disable the safety timer but allow the
charge termination.
12
VREF
P
3.3V reference voltage output. Place a 1-
μF ceramic capacitor from VREF to AGND pin close to the IC.
This voltage could be used for programming ISET and ACSET and TS pins. It may also serve as the
pull-up rail of STAT pin and CELL pin.
13
ISET
I
Fast charge current set point. Use a voltage divider from VREF to ISET to AGND to set the fast charge
current:
The pre-charge and termination current is internally as one tenth of the charge current. The charger is
disabled when ISET pin voltage is below 40mV and enabled when ISET pin voltage is above 120mV.
14
CELL
I
Cell selection pin. Set CELL pin LOW for 1-cell, Float for 2-cell (0.8V-1.8V), and HIGH for 3-cell with a
(bq24170)
fixed 4.2V per cell.
FB
Charge voltage analog feedback adjustment. Connect the output of a resistor divider powered from the
(bq24172)
battery terminals to VFB to AGND. Output voltage is regulated to 2.1V on FB pin during constant-voltage
mode.
15
SRN
I
Charge current sense resistor negative input. A 0.1-
μF ceramic capacitor is placed from SRN to SRP to
provide differential-mode filtering. A 0.1-
μF ceramic capacitor is placed from SRN pin to AGND for
common-mode filtering.
16
SRP
I/P
Charge current sense resistor, positive input. A 0.1-
μF ceramic capacitor is placed from SRN to SRP to
provide differential-mode filtering. A 0.1-
μF ceramic capacitor is placed from SRP pin to AGND for
common-mode filtering.
17
ACSET
I
Input current set point. Use a voltage divider from VREF to ACSET to AGND to set this value:
18
OVPSET
I
Valid input voltage set point. Use a voltage divider from input to OVPSET to AGND to set this voltage.
The voltage above internal 1.6V reference indicates input over-voltage, and the voltage below internal
0.5V reference indicates input under-voltage. In either condition, charge terminates, and input NMOS pair
ACFET/RBFET turn off. LED driven by STAT pin keeps blinking, reporting fault condition.
19
BATDRV
O
Battery discharge MOSFET gate driver output. Connect to 1kohm resistor to the gate of the BATFET
P-channel power MOSFET. Connect the source of the BATFET to the system load voltage node. Connect
the drain of the BATFET to the battery pack positive node. The internal gate drive is asymmetrical to
allow a quick turn-off and slower turn-on, in addition to the internal break-before-make logic with respect
to ACDRV.
20
REGN
P
PWM low side driver positive 6V supply output. Connect a 1-
μF ceramic capacitor from REGN to PGND
pin, close to the IC. Generate high-side driver bootstrap voltage by integrated diode from REGN to BTST.
21
BTST
P
PWM high side driver positive supply. Connect the 0.047-
µF bootstrap capacitor from SW to BTST.
22,23
PGND
P
Power ground. Ground connection for high-current power converter node. On PCB layout, connect
directly to ground connection of input and output capacitors of the charger. Only connect to AGND
through the Thermal Pad underneath the IC.
Thermal
AGND
P
Exposed pad beneath the IC. Always solder Thermal Pad to the board, and have vias on the Thermal
Pad
Pad plane star-connecting to AGND and ground plane for high-current power converter. It dissipates the
heat from the IC.
Copyright
© 2010–2011, Texas Instruments Incorporated
3


Similar Part No. - BQ24172RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24172 TI-BQ24172 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
More results

Similar Description - BQ24172RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24133 TI1-BQ24133 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com