Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24205DGN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24205DGN
Description  SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24205DGN Datasheet(HTML) 4 Page - Texas Instruments

  BQ24205DGN Datasheet HTML 1Page - Texas Instruments BQ24205DGN Datasheet HTML 2Page - Texas Instruments BQ24205DGN Datasheet HTML 3Page - Texas Instruments BQ24205DGN Datasheet HTML 4Page - Texas Instruments BQ24205DGN Datasheet HTML 5Page - Texas Instruments BQ24205DGN Datasheet HTML 6Page - Texas Instruments BQ24205DGN Datasheet HTML 7Page - Texas Instruments BQ24205DGN Datasheet HTML 8Page - Texas Instruments BQ24205DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
OUTPUT CURRENT
PRE-CHARGE CURRENT REGULATION
CHARGE TERMINATION DETECTION
TEMPERATURE COMPARATOR
LOW VOLTAGE BATTERY THRESHOLD
BATTERY RECHARGE THRESHOLD
STAT OUTPUT
bq24200, bq24201
bq24202, bq24203
bq24204, bq24205
SLUS501C – OCTOBER 2001 – REVISED MARCH 2008
over 0
°C ≤ T
J ≤ 125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO(OUT)
Output current
See (1)
500
mA
I(SC)
Short-circuit trip current
See (1)
1
1.6
A
(1)
Assured by design, not production tested.
over 0
°C ≤ T
J ≤ 125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(PRECHG)
Pre-charge current
VI(BAT) < V(LOWV), t < t(30min)
10
13.5
19
mA
I(DETECT)
Battery detection current
VI(BAT) < 2.5 V, t < t(30min)
160
210
300
µA
over 0
°C ≤ T
J ≤ 125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(TAPER)
Taper current detect threshold
VI(BAT) > V(RCH)
21
25.5
31
mA
Charge termination current detect
VI(BAT) > V(RCH)
0.8
1.1
1.4
mA
I(TERM)
threshold
over 0
°C ≤ T
J ≤ 125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(TS1)
Lower temperature threshold
TS pin voltage
30
%VCC
V(TS2)
Upper temperature threshold
TS pin voltage
60
%VCC
Accuracy
–0.7
0.7
%VCC
Hysteresis
1
%VCC
over 0
°C ≤ T
J ≤ 125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0
°C ≤ T
J ≤ 85°C
2.8
2.95
3.1
V
V(LOWV)
LowV threshold
2.8
3.0
3.2
V
over 0
°C ≤ T
J ≤ 125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(REG)
VO(RE VO(REG)
Recharge threshold, VRCH (typically 100 mV below
–0.115
G)
–0.085
V
regulation)
–0.1
Vcc
≥ VO(REG) , over 0°C ≤ TJ ≤ 125°C and supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL(STAT)
Output (low) saturation voltage
IO = 10 mA
0.5
V
VOH(STAT)
Output (high) saturation voltage
IO = –5 mA
Vcc–1.5
V
4
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): bq24200, bq24201 bq24202, bq24203 bq24204, bq24205


Similar Part No. - BQ24205DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24205DGN TI-BQ24205DGN Datasheet
203Kb / 14P
[Old version datasheet]   SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
More results

Similar Description - BQ24205DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200 TI-BQ24200 Datasheet
203Kb / 14P
[Old version datasheet]   SINGLE CHIP U-I ONAND LI-POL CHARGE MANAGEMENT IC FOR CURRENT LIMITED APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com