Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34151 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC34151
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34151 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC34151_13 Datasheet HTML 4Page - ON Semiconductor MC34151_13 Datasheet HTML 5Page - ON Semiconductor MC34151_13 Datasheet HTML 6Page - ON Semiconductor MC34151_13 Datasheet HTML 7Page - ON Semiconductor MC34151_13 Datasheet HTML 8Page - ON Semiconductor MC34151_13 Datasheet HTML 9Page - ON Semiconductor MC34151_13 Datasheet HTML 10Page - ON Semiconductor MC34151_13 Datasheet HTML 11Page - ON Semiconductor MC34151_13 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC34151, MC33151
http://onsemi.com
9
Output Load Regulation
IO (mA)
+VO (V)
−VO (V)
0
27.7
−13.3
1.0
27.4
−12.9
10
26.4
−11.9
20
25.5
−11.2
30
24.6
−10.5
50
22.6
−9.4
Figure 23. Controlled MOSFET Drive
Figure 24. Bipolar Transistor Drive
Figure 25. Dual Charge Pump Converter
The totem-pole outputs can furnish negative base current for enhanced
transistor turn-off, with the addition of capacitor C1.
The capacitor's equivalent series resistance limits the Drive Output Current
to 1.5 A. An additional series resistor may be required when using tantalum or
other low ESR capacitors.
In noise sensitive applications, both conducted and radiated EMI can
be reduced significantly by controlling the MOSFET's turn-on and
turn-off times.
+
Vin
Rg(on)
Rg(off)
+
IB
+
0
-
Base Charge
Removal
C1
Vin
+
-
VCC = 15 V
4.7
0.1
6
5.7V
6.8
10
7
1N5819
2
+ VO ≈ 2.0 VCC
47
5
6.8 10
1N5819
4
- VO ≈ - VCC
330pF
47
3
10k
+
+
+
+
+
+
+
+
+
+
+


Similar Part No. - MC34151_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34151D ONSEMI-MC34151D Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC34151D ONSEMI-MC34151D Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151DR2 ONSEMI-MC34151DR2 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC34151DR2 ONSEMI-MC34151DR2 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151DR2G ONSEMI-MC34151DR2G Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
More results

Similar Description - MC34151_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com