Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIV1SN1300A Datasheet(PDF) 12 Page - ON Semiconductor

Part # NOIV1SN1300A
Description  VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIV1SN1300A Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NOIV1SN1300A Datasheet HTML 8Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 9Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 10Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 11Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 12Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 13Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 14Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 15Page - ON Semiconductor NOIV1SN1300A Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
NOIV1SN1300A, NOIV2SN1300A
http://onsemi.com
12
OPERATING MODES
The VITA 1300 sensor is able to operate in the following
shutter modes:
Global Shutter Mode
Pipelined Global Shutter
- Master
- Slave
Triggered Global Shutter
- Master
- Slave
Rolling Shutter Mode
Global Shutter Mode
In the global shutter mode, light integration takes place on
all pixels in parallel, although subsequent readout is
sequential. Figure 6 shows the integration and readout
sequence for the synchronous shutter. All pixels are light
sensitive at the same period of time. The whole pixel core is
reset simultaneously and after the integration time all pixel
values are sampled together on the storage node inside each
pixel. The pixel core is read out line by line after integration.
Note that the integration and readout can occur in parallel or
sequentially.
Figure 6. Global Shutter Operation
Pipelined Global Shutter
In pipelined global shutter mode, the integration and
readout are done in parallel. Images are continuously read
and integration of frame N is ongoing during readout of the
previous frame N-1. The readout of every frame starts with
a Frame Overhead Time (FOT), during which the analog
value on the pixel diode is transferred to the pixel memory
element. After the FOT, the sensor is read out line per line
and the readout of each line is preceded by the Row
Overhead Time (ROT). Figure 7 shows the exposure and
readout time line in pipelined global shutter mode.
Master
In this operation mode, the integration time is set through
the register interface and the sensor integrates and reads out
the images autonomously. The sensor acquires images
without any user interaction.
Figure 7. Integration and Readout for Pipelined Shutter
Reset
N
Exposure Time N
Reset
N+1
Exposure Time N+1
Readout Frame N-1
FOT
FOT
Readout Frame N
FOT
Integration Time
Handling
Readout
Handling
ROT
Line Readout
FOT
FOT
Slave
The slave mode adds more manual control to the sensor.
The exposure time registers are ignored in this mode and the
integration time is controlled by an external pin. As soon as
the control pin is asserted, the pixel array goes out of reset
and integration starts. The integration continues until the
external pin is de-asserted by the system. Now, the image is
sampled and the readout is started. Figure 8 shows the
relation between the external trigger signal and the
exposure/readout timing.


Similar Part No. - NOIV1SN1300A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN1300A-QDC ONSEMI-NOIV1SN1300A-QDC Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN1300A-XXC ONSEMI-NOIV1SN1300A-XXC Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
More results

Similar Description - NOIV1SN1300A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
Cypress Semiconductor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com