Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF400XLB Datasheet(PDF) 1 Page - 3M Electronics

Part # PF400XLB
Description  VikuitiTM Privacy Filter Finder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PF400XLB Datasheet(HTML) 1 Page - 3M Electronics

  PF400XLB Datasheet HTML 1Page - 3M Electronics PF400XLB Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model
Fits Monitor
LCD
Height
Width
Number
Size*
Display Type
(cm)
(cm)
PF12.1
12.1"
Laptop
18.6
24.8
PF13.3
13.3"
Laptop
20.3
27.0
PF14.1
14.1"
Laptop
21.4
28.6
PF15.0
15"
Laptop/Desktop
22.9
30.5
PF17.0
17"
Desktop
26.2
34.3
PF18.1
18.1"
Desktop
28.7
35.9
PF19.0
19"
Desktop
30.2
37.7
PF20.1
20"
Desktop
30.7
40.9
Widescreen format
PF12.1-W
12.1"
Laptop
16.4
26.1
PF13.3-W
13.3"
Laptop
17.9
28.7
PF14.1-W
14.1"
Laptop
19.0
30.5
PF15.4-W
15.4"
Laptop
20.8
33.2
PF17.0-W
17"
Laptop/Desktop
23.0
36.8
PF20.1-W
20.1"
Desktop
27.1
43.4
PF22-W
22"
Desktop
29.7
47.4
*Monitor size:
the diagonal measurement across the screen, excluding laptop or PC monitor frame
Frameless
Fixed
Model
Glare
Frame
LCD Screen
CRT Screen
Number
Reduction
Style
Size*
Size*
PF400L
95%
Flat
15"
14-16"
PF400XL
95%
Flat
17-18"
16-19"
PF400XXL
95%
Flat
19-20"
19-21"
PF400LB
95%
Flat, Black
15"
14-16"
PF400XLB
95%
Flat, Black
17-18"
16-19"
PF400XXLB
95%
Flat, Black
19-20"
19-21"
*Screen size: the diagonal measurement across the screen, excluding PC monitor frame
Vikuiti
TM
Privacy Filter Finder
Frameless Privacy Filters
All frameless filters have a matte finish and
contain the unique micro-louvre black out
privacy technology from 3M
A unique attachment system means the filter
can remain inside the laptop – even when closed
Easily removable to allow for screen sharing
when privacy not required
LCD screen protection
Fixed Privacy Filters
All fixed filters contain the unique micro-louvre
black out privacy technology from 3M
All fixed filters offer anti-glare/radiation/static
LCD/CRT desktop compatible
A style and size
for practically any laptop or PC.
Above:
Without Vikuiti
TM Privacy
Filter, on-screen data
such as sensitive
business information
is easily visible
Left:
With Vikuiti
TM Privacy
Filter, confidential
information remains...
confidential.


Similar Part No. - PF400XLB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PF400XLB 3M-PF400XLB Datasheet
580Kb / 2P
   Vikuiti Privacy Filter Finder
More results

Similar Description - PF400XLB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PF12.1 3M-PF12.1 Datasheet
580Kb / 2P
   Vikuiti Privacy Filter Finder
logo
A1 PROs co., Ltd.
AH21A2 A1PROS-AH21A2 Datasheet
151Kb / 2P
   Privacy Mask Function
logo
SparkFun Electronics
TOL-15039 SPARKFUN-TOL-15039 Datasheet
75Kb / 1P
   Edge Finder
10??4??8
logo
A1 PROs co., Ltd.
AH249HP A1PROS-AH249HP Datasheet
186Kb / 2P
   Privacy Mask Function
logo
Kingston Technology Far...
DTVP30 KINGSTON-DTVP30 Datasheet
275Kb / 2P
   DATATRAVELER VAULT PRIVACY 3.0
logo
List of Unclassifed Man...
SRF02 ETC2-SRF02 Datasheet
129Kb / 8P
   Ultrasonic range finder
logo
A1 PROs co., Ltd.
AH291 A1PROS-AH291 Datasheet
143Kb / 2P
   Privacy Mask Function
logo
Extech Instruments Corp...
DT100 EXTECH-DT100 Datasheet
147Kb / 8P
   Ultrasonic Distance Finder
logo
List of Unclassifed Man...
MB1000 ETC1-MB1000 Datasheet
1Mb / 12P
   High Performance Sonar Range Finder
logo
Panasonic Semiconductor
AN2512S PANASONIC-AN2512S Datasheet
282Kb / 5P
   Electronic View-finder Driving IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com