Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5947DAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947DAPR
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5947DAPR Datasheet(HTML) 5 Page - Texas Instruments

  TLC5947DAPR Datasheet HTML 1Page - Texas Instruments TLC5947DAPR Datasheet HTML 2Page - Texas Instruments TLC5947DAPR Datasheet HTML 3Page - Texas Instruments TLC5947DAPR Datasheet HTML 4Page - Texas Instruments TLC5947DAPR Datasheet HTML 5Page - Texas Instruments TLC5947DAPR Datasheet HTML 6Page - Texas Instruments TLC5947DAPR Datasheet HTML 7Page - Texas Instruments TLC5947DAPR Datasheet HTML 8Page - Texas Instruments TLC5947DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SWITCHING CHARACTERISTICS
FUNCTIONAL BLOCK DIAGRAM
SCLK
IREF
XLAT
GND
G yscal
ra
e(12Bits
24Ch
´
annels)Data
ShiftRegister
12BitsPWMTiming Control
OUT0
Thermal
Detection
VCC
OU 23
T
SOUT
4 MHz
Internal
Oscillator
OUT1
OU 22
T
288
LSB
MSB
0
287
VCC
SIN
Grayscale(12Bits
24C
´
hannels)Data
DataLatch
LSB
0
288
MSB
287
BL NK
A
24-Channel,C nstantCurre
o
ntDriver
24
D
Q
CK
¼
TLC5947
www.ti.com ................................................................................................................................................. SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008
At VCC = 3.0 V to 5.5 V, TA = –40°C to +85°C, CL = 15 pF, RL = 150 Ω, RIREF = 1.6 kΩ, and VLED = 5.5 V. Typical values at
VCC = 3.3 V and TA = +25°C, unless otherwise noted.
TLC5947
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tR0
SOUT
10
15
ns
Rise time
tR1
OUTn
15
40
ns
tF0
SOUT
10
15
ns
Fall time
tF1
OUTn
100
300
ns
Internal oscillator
fOSC
2.4
4
5.6
MHz
frequency
tD0
SCLK
↓ to SOUT
15
25
ns
tD1
BLANK
↑ to OUT0 sink current off
20
40
ns
tD2
Propagation delay time
OUT0 current on to OUT1/5/9/13/17/21 current on
15
24
33
ns
tD3
OUT0 current on to OUT2/6/10/14/18/22 current on
30
48
66
ns
tD4
OUT0 current on to OUT3/7/11/15/19/23 current on
45
72
99
ns
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC5947


Similar Part No. - TLC5947DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPR TI-TLC5947DAPR Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5947DAPR TI-TLC5947DAPR Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPR TI1-TLC5947DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPR TI1-TLC5947DAPR Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947DAPRG4 TI1-TLC5947DAPRG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
More results

Similar Description - TLC5947DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947 TI-TLC5947_1 Datasheet
1Mb / 27P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com