Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-503UAC2E-3AC Datasheet(PDF) 3 Page - Lucky Light Electronic

Part # LL-503UAC2E-3AC
Description  5mm Round With Flange Type Ultra Amber LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-503UAC2E-3AC Datasheet(HTML) 3 Page - Lucky Light Electronic

  LL-503UAC2E-3AC Datasheet HTML 1Page - Lucky Light Electronic LL-503UAC2E-3AC Datasheet HTML 2Page - Lucky Light Electronic LL-503UAC2E-3AC Datasheet HTML 3Page - Lucky Light Electronic LL-503UAC2E-3AC Datasheet HTML 4Page - Lucky Light Electronic LL-503UAC2E-3AC Datasheet HTML 5Page - Lucky Light Electronic LL-503UAC2E-3AC Datasheet HTML 6Page - Lucky Light Electronic LL-503UAC2E-3AC Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Luckylight
Spec No: B508 X335
Rev No: V.2
Date: Jun/27/2009
Page: 3 OF 7
Approved: JoJo
Checked: WU
Drawn: Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Package Dimension:
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25 mm (.010″) unless otherwise noted.
3. Protruded resin under flange is 1.00 mm (.039″) max.
4. Specifications are subject to change without notice.
Part No.
Chip Material
Lens Color
Source Color
LL-503UAC2E-3AC
AlInGaP
Water Clear
Ultra Amber


Similar Part No. - LL-503UAC2E-3AC

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503UAC2E-1AC LUCKY-LIGHT-LL-503UAC2E-1AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Amber LED Technical Data Sheet
LL-503UAC2E-2AC LUCKY-LIGHT-LL-503UAC2E-2AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Amber LED Technical Data Sheet
More results

Similar Description - LL-503UAC2E-3AC

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-503UAC2E-1AC LUCKY-LIGHT-LL-503UAC2E-1AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Amber LED Technical Data Sheet
LL-503UAC2E-2AC LUCKY-LIGHT-LL-503UAC2E-2AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Amber LED Technical Data Sheet
LL-503AD2E-A1 LUCKY-LIGHT-LL-503AD2E-A1 Datasheet
137Kb / 7P
   5mm Round With Flange Type Amber LED Technical Data Sheet
LL-503UAC1E-3A LUCKY-LIGHT-LL-503UAC1E-3A Datasheet
137Kb / 7P
   5mm Cylindrical With Flange Type Ultra Amber LED Technical Data Sheet
LL-503UAC1E-2A LUCKY-LIGHT-LL-503UAC1E-2A Datasheet
137Kb / 7P
   5mm Cylindrical With Flange Type Ultra Amber LED Technical Data Sheet
LL-503UAC1E-1A LUCKY-LIGHT-LL-503UAC1E-1A Datasheet
137Kb / 7P
   5mm Cylindrical With Flange Type Ultra Amber LED Technical Data Sheet
LL-403AD2B-A1 LUCKY-LIGHT-LL-403AD2B-A1 Datasheet
138Kb / 7P
   4mm Round With Flange Type Amber LED Technical Data Sheet
LL-803AD2C-A1 LUCKY-LIGHT-LL-803AD2C-A1 Datasheet
141Kb / 7P
   8mm Round With Flange Type Amber LED Technical Data Sheet
LL-1003AD2R-A1 LUCKY-LIGHT-LL-1003AD2R-A1 Datasheet
137Kb / 7P
   10mm Round With Flange Type Amber LED Technical Data Sheet
LL-503UYC2E-Y2-3AC LUCKY-LIGHT-LL-503UYC2E-Y2-3AC Datasheet
139Kb / 7P
   5mm Round With Flange Type Ultra Yellow LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com