Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6M1T2R Datasheet(PDF) 6 Page - Rohm

Part # EM6M1T2R
Description  2.5V Drive NchPch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EM6M1T2R Datasheet(HTML) 6 Page - Rohm

  EM6M1T2R Datasheet HTML 1Page - Rohm EM6M1T2R Datasheet HTML 2Page - Rohm EM6M1T2R Datasheet HTML 3Page - Rohm EM6M1T2R Datasheet HTML 4Page - Rohm EM6M1T2R Datasheet HTML 5Page - Rohm EM6M1T2R Datasheet HTML 6Page - Rohm EM6M1T2R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EM6M1
Transistors
6/6
P-ch
Measurement circuit
Fig.11 Switching Time Test Circuit
V
GS
R
G
V
DS
D.U.T.
I
D
R
L
V
DD
90%
50%
10%
90%
10%
50%
Pulse Width
10%
V
GS
V
DS
tf
t
off
t
on
td(off)
Fig.12 Switching Time Waveforms
tr
td(on)
90%
Fig.13 Gate Charge Measurement Circuit
VGS
IG(Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.14 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd


Similar Part No. - EM6M1T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6M2 ROHM-EM6M2 Datasheet
273Kb / 8P
   1.2V Drive NchPch MOSFET
EM6M2T2R ROHM-EM6M2T2R Datasheet
208Kb / 8P
   1.2V Drive Nch Pch MOSFET
More results

Similar Description - EM6M1T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
QS6M4TR ROHM-QS6M4TR Datasheet
85Kb / 6P
   2.5V Drive Nch Pch MOSFET
QS6M3TR ROHM-QS6M3TR Datasheet
95Kb / 8P
   2.5V Drive NchPch MOSFET
US6M2 ROHM-US6M2_07 Datasheet
74Kb / 4P
   2.5V Drive NchPch MOSFET
QS6M4 ROHM-QS6M4_1 Datasheet
103Kb / 6P
   2.5V Drive NchPch MOSFET
US6M2TR ROHM-US6M2TR Datasheet
66Kb / 4P
   2.5V Drive NchPch MOSFET
QS6M3 ROHM-QS6M3_1 Datasheet
114Kb / 8P
   2.5V Drive NchPch MOSFET
TT8M2 ROHM-TT8M2_09 Datasheet
267Kb / 9P
   2.5V Drive Nch MOSFET 1.5V Drive Pch MOSFET
US6J2TR ROHM-US6J2TR Datasheet
89Kb / 5P
   2.5V Drive PchPch MOSFET
RTR030P02FHA ROHM-RTR030P02FHA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTF020P02TL ROHM-RTF020P02TL Datasheet
102Kb / 5P
   2.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com